Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 34 of 46
Table 26. RTC Features
Features
RTC0
RTC1 (FLEX_RTC)
Resolution of
Time Base
(Prescaling)
Counts time at 1 Hz in units of seconds. Operationally,
RTC0 always prescales to 1 Hz (for example, divide
by 32,768) and always counts real time in units of
seconds.
Can prescale the clock by any power of two from 0 to 15. It can
count time in units of any of these 16 possible prescale settings.
For example, the clock can be prescaled by 1, 2, 4, 8, …, 16,384, or
32,768.
Source Clock
LFXTAL.
Depending on the low frequency multiplexer configuration, the
RTC is clocked by the LFXTAL or the LFOSC.
Wake-Up Timer
Wake-up time is specified in units of seconds.
Supports alarm times down to a resolution of 30.52 µs, that is,
where the time is specified down to a specific 32 kHz clock cycle.
Number of
Alarms
One alarm only. Uses an absolute, nonrepeating
alarm time, specified in units of 1 sec.
Two alarms. One absolute alarm time and one periodic alarm,
repeating every 60 prescaled time units.
SensorStrobe
Mechanism
Not available.
Four independent channels with fine control on duty cycle and
frequency (0.5 Hz to 16.384 kHz).
SensorStrobe is an alarm function in the RTC that can send an
output pulse via GPIOs to an external device to instruct that
device to take a measurement or perform some action at a
specific time. SensorStrobe events are scheduled at a specific
target time relative to the real-time count of the RTC.
SensorStrobe can be enabled in active, flexi, and hibernate
modes.
Input Capture
Not available.
Input capture takes a snapshot of the RTC real-time count when
an external device signals an event via a transition on one of the
GPIO inputs to the ADuCM4050 MCU. Typically, an input capture
event is triggered by an autonomous measurement or action on
such a device, which then signals to the ADuCM4050 MCU that
the RTC must take a snapshot of time corresponding to the event.
Taking this snapshot can wake up the ADuCM4050 MCU and
cause an interrupt to the CPU. The CPU can subsequently obtain
information from the RTC on the exact 32 kHz cycle on which the
input capture event occurred.
Input Sampling
Not available.
Each SensorStrobe channel has up to three separate GPIO inputs
from an external device, which can be sampled based on the
output pulse sent to the external device. Each channel can be
configured to interrupt the ADuCM4050 MCU when any activity
happens on these GPIO inputs from the external device. These
inputs can broadcast sensor states such as first in, first out (FIFO)
buffer full, switch open, and threshold crossed. This feature allows
the ADuCM4050 MCU to remain in a low power state and wake
up to process the data only when a specific programmed
sequence from an external device is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com