Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 44Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 42 of 46
0.47µF
RTC1_SS1
IO
0.1µF
4.7µF
0.0056µF
33Ω
VREF_ADC
ADuCM4050BCPZ
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
VBAT
PAD
GND_ANA
SPI0_CLK/SPT0_BCLK/GPIO0
SPI0_MOSI/SPT0_BFS/GPIO1
SPI0_MISO/SPT0_BD0/GPIO2
SPI0_CS0/SPT0_BCNV/SPI2_RDY/GPIO03
SPI0_CS1/SYS_CLKIN/SPI1_CS3/GPIO26
UART0_TX/GPIO10
UART0_RX/GPIO11
SPI2_CLK/GPIO18
SPI2_MOSI/GPIO19
SPI2_MISO/GPIO20
SPI2_CS0/GPIO21
SYS_WAKE3/TRM2_OUT/GPIO33
SYS_WAKE2/GPIO13
SYS_WAKE0/GPIO15
VBAT_DIG2
GND_DIG
SYS_WAKE1/GPIO16
TMR0_OUT/SPI1_RDY/GPIO14
SPT0_ACNV/SPI1_CS2/GPIO34
SPI0_RDY/GPIO30
TMR2_OUT/GPIO29
RTC1_SS2/GPIO28
TMR1_OUT/GPIO27
BPR0_TONE_N/GPIO08
BPR0_TONE_P/SPI2_CS1/GPIO09
GPIO17/SYS_BMODE0
SPT0_ACLK/UART1_TX/GPIO31
SPT0_AFS/UART1_RX/GPIO32
SPT0_AD0/UART0_SOUT_EN/GPIO12
VBAT_DIG1
SPI1_CS1/SYS_CLKOUT/RTC1_SS1/GPIO43
SPI1_CLK/RGB_TMR0_1/GPIO22
SPI1_MOSI/RGB_TMR0_2GPIO23
SPI1_MISO/RGB_TMR0_3/GPIO24
SPI1_CS0/GPIO25/SWV
GPIO06/SWD0_CLK
GPIO07/SWD0_DATA
I2C0_SCL/GPIO04
SYS_HWRST_N
I2C0_SDA/GPIO05
ADC0_VIN7/SPI2_CS2/GPIO42
ADC0_VIN6/SPI0_CS3/GPIO41
ADC0_VIN5/SPI0_CS2/RTC1_SS3/GPIO40
ADC0_VIN4/SPI2_CS3/GPIO39
ADC0_VIN3/GPIO38
ADC0_VIN2/GPIO37
ADC0_VIN1/GPIO36
ADC0_VIN0/GPIO35
GND_VREFADC
VBAT_ADC
VREF_ADC
VLDO_OUT
VDCDC_CAP2P
VDCDC_CAP2N
VDCDC_OUT
VBAT_ANA2
VDCDC_CAP1P
VDCDC_CAP1N
SYS_LFXTAL_OUT
SYS_LFXTAL_IN
SYS_HFXTAL_OUT
SYS_HFXTAL_IN
VBAT_ANA1
IO
IO
21
13
11
10
7
6
43
4
25
2
44
61
59
60
42
24
26
38
27
28
39
40
23
22
20
19
18
17
16
49
34
8
1
14
45
29
12
9
58
57
41
46
52
51
47
50
5
3
36
35
37
55
54
53
56
31
30
33
32
62
63
15
48
64
ANALOG_IN
IO
Figure 28. Recommended External Components on VREF_ADC Pin and ADC Input Channel (ADC0_VIN0 Used as Example) when Using the Internal ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com