Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 40 of 46
APPLICATIONS INFORMATION
This section contains circuit diagrams that show the recommended
external components for proper operation of the ADuCM4050
in example application scenarios.
0.1µF
0.1µF
ADuCM4050BCPZ
1µF
0.47µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
VBAT
RTC1_SS1
PAD
GND_ANA
SPI0_CLK/SPT0_BCLK/GPIO0
SPI0_MOSI/SPT0_BFS/GPIO1
SPI0_MISO/SPT0_BD0/GPIO2
SPI0_CS0/SPT0_BCNV/SPI2_RDY/GPIO03
SPI0_CS1/SYS_CLKIN/SPI1_CS3/GPIO26
UART0_TX/GPIO10
UART0_RX/GPIO11
SPI2_CLK/GPIO18
SPI2_MOSI/GPIO19
SPI2_MISO/GPIO20
SPI2_CS0/GPIO21
SYS_WAKE3/TRM2_OUT/GPIO33
SYS_WAKE2/GPIO13
SYS_WAKE0/GPIO15
VBAT_DIG2
GND_DIG
SYS_WAKE1/GPIO16
TMR0_OUT/SPI1_RDY/GPIO14
SPT0_ACNV/SPI1_CS2/GPIO34
SPI0_RDY/GPIO30
TMR2_OUT/GPIO29
RTC1_SS2/GPIO28
TMR1_OUT/GPIO27
BPR0_TONE_N/GPIO08
BPR0_TONE_P/SPI2_CS1/GPIO09
GPIO17/SYS_BMODE0
SPT0_ACLK/UART1_TX/GPIO31
SPT0_AFS/UART1_RX/GPIO32
SPT0_AD0/UART0_SOUT_EN/GPIO12
VBAT_DIG1
SPI1_CS1/SYS_CLKOUT/RTC1_SS1/GPIO43
SPI1_CLK/RGB_TMR0_1/GPIO22
SPI1_MOSI/RGB_TMR0_2GPIO23
SPI1_MISO/RGB_TMR0_3/GPIO24
SPI1_CS0/GPIO25/SWV
GPIO06/SWD0_CLK
GPIO07/SWD0_DATA
I2C0_SCL/GPIO04
SYS_HWRST_N
I2C0_SDA/GPIO05
ADC0_VIN7/SPI2_CS2/GPIO42
ADC0_VIN6/SPI0_CS3/GPIO41
ADC0_VIN5/SPI0_CS2/RTC1_SS3/GPIO40
ADC0_VIN4/SPI2_CS3/GPIO39
ADC0_VIN3/GPIO38
ADC0_VIN2/GPIO37
ADC0_VIN1/GPIO36
ADC0_VIN0/GPIO35
GND_VREFADC
VBAT_ADC
VREF_ADC
VLDO_OUT
VDCDC_CAP2P
VDCDC_CAP2N
VDCDC_OUT
VBAT_ANA2
VDCDC_CAP1P
VDCDC_CAP1N
SYS_LFXTAL_OUT
SYS_LFXTAL_IN
SYS_HFXTAL_OUT
SYS_HFXTAL_IN
VBAT_ANA1
IO
IO
21
13
11
10
7
6
43
4
25
2
44
61
59
60
42
24
26
38
27
28
39
40
23
22
20
19
18
17
16
49
34
8
1
14
45
29
12
9
58
57
41
46
52
51
47
50
5
3
36
35
37
55
54
53
56
31
30
33
32
62
63
15
48
64
Figure 26. Recommended External Components when Using the Internal Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com