Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADUCM4050BCBZ-R7 Datasheet HTML 1Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Ultra Low Power ARM Cortex-M4F MCU
with Integrated Power Management
Data Sheet
ADuCM4050
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
EEMBC ULPMark™-CP score (3 V): 189
Ultra low power active and hibernate modes
Active mode dynamic current: 41 µA/MHz (typical)
Flexi mode: 400 µA (typical)
Hibernate mode: 0.65 µA (typical)
Shutdown mode: 50 nA (typical)
Shutdown mode (fast wake-up): 0.20 µA (typical)
ARM Cortex-M4F processor at 52 MHz with FPU, MPU, ITM
with SWD interface
Power management
Single-supply operation (connected to VBAT pins): 1.74 V to
3.6 V
Optional buck converter for improved efficiency
Memory options
512 kB of embedded flash memory with ECC
4 kB of cache memory to reduce active power
128 kB of configurable system SRAM with parity
Safety
Watchdog with dedicated on-chip oscillator
Hardware CRC with programmable polynomial
Multiparity bit protected SRAM
ECC protected embedded flash
Security
Hardware cryptographic accelerator supporting AES-128,
AES-256, and SHA-256
Protected key storage in flash, SHA-256-based keyed
HMAC and key wrap and unwrap
User code protection
TRNG
Digital peripherals
3 SPI interfaces to enable glueless interface to sensors,
radios, and converters
1 I2C and 2 UART peripheral interfaces
SPORT for natively interfacing with converters and radios
Programmable GPIOs (44 in LFCSP and 51 in WLCSP)
3 general-purpose timers with PWM support
RGB timer for driving RGB LED
RTC0 for time keeping
RTC1 with SensorStrobe and time stamping
Programmable beeper
27-channel DMA controller
Clocking features
26 MHz clock: on-chip oscillator, external crystal oscillator,
SYS_CLKIN for external clock, and integrated PLL
32 kHz clock: on-chip oscillator and low power crystal
oscillator
Clock fail detection for external crystals
Analog peripherals
12-bit SAR ADC, 1.8 MSPS, 8 channels, and digital
comparator
APPLICATIONS
Internet of Things (IoT)
Smart agriculture, smart building, smart metering, smart
city, smart machine, and sensor network
Wearables
Fitness and clinical
Machine learning and neural networks
FUNCTIONAL BLOCK DIAGRAM
AHB–APB
BRIDGE
DATA SRAM/
INSTRUCTION
SRAM/
CACHE (128kB)
DMA
SERIAL WIRE
ITM TRACE
ARM
CORTEX–M4F
NVIC
LFOSC
HFOSC
LFXTAL
HFXTAL
PLL
PWR MGT
HP BUCK
WIC
MPU
FPU
MULTI-
LAYER
AMBA
BUS
MATRIX
52MHz CORE RATE
TMR0
TMR2
UART1
TRNG
UART0
I2C
SPORT
SPIH
CRYPTO
(AES-128, AES-256,
SHA 256)
KEYED HMAC
KEY WRAP–UNWRAP
PROTECTED
KEY STORAGE
SPI1
ADC CONTROLLER
ADC
TEMP SENSOR
REF BUFFER
SPI0
PROGRAMMABLE
CRC POLYNOMIAL
FLASH (512kB)
TMR1
RGB TMR
RTC0
WDT
RTC1
BEEPER
GPIO
Figure 1.


Similar Part No. - ADUCM4050BCBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM410BBCZ AD-ADUCM410BBCZ Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM410BBCZ-RL7 AD-ADUCM410BBCZ-RL7 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM410BCBZ-RL7 AD-ADUCM410BCBZ-RL7 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
More results

Similar Description - ADUCM4050BCBZ-R7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L152CBT6 STMICROELECTRONICS-STM32L152CBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3
07-Feb-2013
STM32L151ZDT6 STMICROELECTRONICS-STM32L151ZDT6 Datasheet
1Mb / 140P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
01-Feb-2013
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
List of Unclassifed Man...
BT832A ETC2-BT832A Datasheet
881Kb / 22P
Nordic nRF52 with ARM Cortex M4F
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200_V01 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX Datasheet
1Mb / 100P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 12, 02/2020
logo
Analog Devices
ADUCM3027 AD-ADUCM3027 Datasheet
688Kb / 39P
Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
5/2019-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX32680 MAXIM-MAX32680 Datasheet
411Kb / 56P
Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and Bluetooth LE 5.2
2021
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX_V01 Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
logo
AAEON Technology
SPG-M041 AAEON-SPG-M041 Datasheet
617Kb / 2P
Gateway System with ARM Cortex M4F 180MHz
2022/09/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com