Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM4050BCBZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 44Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Data Sheet
ADuCM4050
Rev. A | Page 43 of 46
SILICON ANOMALY
This anomaly list describes the known bugs, anomalies, and workarounds for the ADuCM4050. These anomalies represent the currently
known differences between revisions of the ADuCM4050 product and the functionality specified in the ADuCM4050 data sheet and the
hardware reference manual.
Analog Devices, Inc., is committed, through future silicon revisions, to continuously improve silicon functionality. Analog Devices tries
to ensure that these future silicon revisions remain compatible with your present software/systems by implementing the recommended
workarounds outlined here.
ADuCM4050 FUNCTIONALITY ISSUES
Silicon Revision Identifier
Silicon Status
No. of Reported Anomalies
0.1
Released
3 (21000011, 21000016, 21000017)
A silicon revision number with the form x.y is branded on all devices. The silicon revision can be electronically determined by reading Bits[3:0]
of the SYS_CHIPID register. SYS_CHIPID = 0x1 indicates Silicon Revision 0.1, and SYS_CHIPID = 0x0 indicates Silicon Revision 0.0.
FUNCTIONALITY ISSUES
Table 33. 21000011—I2C Master Mode Fails to Generate Clock when Clock Dividers are Too Small
Issue
When the I2C clock dividers are configured in master mode such that the sum of the low and high bit fields in the
I2C_DIV register is less than 16, the I2C fails to generate a clock.
Workaround
Program the I2C clock dividers such that I2C_DIV.LOW + I2C_DIV.HIGH ≥ 16.
Revision
0.1
Table 34. 21000016—Possible Receive Data Loss with I2C Automatic Clock Stretching
Issue
When the I2C Rx FIFO is full and new I2C data is received, a data overflow occurs. When automatic clock stretching is
enabled, the transaction is paused by holding the SCL (Pin P0_04) line low. This function works as expected when the
next read happens after the clock is stretched (that is, after the overflow is detected). However, if the read occurs after
the last bit of the I2C data is received but before the clock is stretched, the received data is not written to the Rx FIFO and
is lost.
Workaround
When I2C automatic clock stretching is enabled, read the FIFO should only after the overflow flag is set in the status
register to ensure that that Rx FIFO is never read at the same time that the overflow is asserted.
Revision
0.1
Table 35. 21000017—SPI Read Command Mode Does Not Work Properly when SPI_CNT is 1 and DMA is Enabled
Issue
When SPI master is enabled and uses the DMA mode with SPI_CNT = 1, the read command mode may not function
properly. Consider the following configurations: SPI_RD_CTL = 0x07; SPI_CNT = 1; the transmit and receive DMA
channels are configured for 1 half-word.
In this configuration, the read command sent in the first byte on the MOSI output is repeated in the second byte (in the
address slot). Therefore, the slave device responds on the MISO line with whatever content is at the address equivalent to the
read command value (for example, if the read command is 0xB, the response is the data read from Slave Address 0xB).
Workaround
The following workarounds can be used. Utilize the overlap mode to align the transmit/receive SPI operations and
discard the junk bytes, as follows:
1. Set SPI_RD_CTL.OVERLAP = 1 to enable overlap mode.
2. Set SPI_RD_CTL.TXBYTES = 1 to configure a single transmit byte (8-bit address register).
3. Set SPI_CNT.VALUE = 3 to configure the transfer count: one byte for the address register, one byte for the command,
and one dummy byte to obtain the read value.
4. On the receive side, discard the first two junk bytes received during the transfer of the address and command bytes
before processing the actual read value in the third byte.
Alternatively, do not use Tx DMA operation on the SPI transmit side, by taking the following steps:
1. Enable only SPI RX DMA requests.
2. Fill the SPI Tx FIFO by using core accesses to write the SPI_TX register.
3. Perform a dummy read of the SPI_RX register to kick off the SPI transfers.
Revision
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com