Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 2 Page - OKI electronic componets

  ML2250 Datasheet HTML 1Page - OKI electronic componets ML2250 Datasheet HTML 2Page - OKI electronic componets ML2250 Datasheet HTML 3Page - OKI electronic componets ML2250 Datasheet HTML 4Page - OKI electronic componets ML2250 Datasheet HTML 5Page - OKI electronic componets ML2250 Datasheet HTML 6Page - OKI electronic componets ML2250 Datasheet HTML 7Page - OKI electronic componets ML2250 Datasheet HTML 8Page - OKI electronic componets ML2250 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
2/36
Table below summarizes the points of difference between the ML2250 family and currently manufactured
products with a ROM built in.
ML2250 family
MSM6650 family
MSM9800 family
ML2210 family
Interface
Parallel or serial
Parallel, serial or
stand-alone
Parallel or
stand-alone
Serial
Playback method
2-bit ADPCM2
4-bit ADPCM2
8-bit PCM
8-bit non-linear PCM
16-bit PCM
4-bit ADPCM
8-bit PCM
8-bit PCM
8-bit non-linear PCM
4-bit ADPCM
8-bit PCM
8-bit non-linear PCM
Max. number of
phrases
256
127
63
247
Sampling frequency
(kHz)
4.0/5.3/6.0/6.4/8.0/10.7
/12.0/12.8/16.0/21.3/
24.0/25.6/32.0/42.7/
48.0
4.0/5.3/6.4/8.0/
10.7/12.8/16.0/
32.0
4.0/5.3/6.4/8.0/10.7/
12.8/16.0
4.0/5.3/6.4/8.0/10.7/
12.8/16.0
Clock frequency
4.096 MHz
256 kHz (CR
oscillation)
4.096 MHz (XT)
256 kHz (CR
oscillation)
4.096 MHz (XT)
4.096 MHz
D/A converter
Voltage type: 14 bits
Voltage type: 12
bits
Current type: 10 bits
Current type: 12 bits
Low-pass filter
FIR type interpolation
filter
Secondary comb
filter
Primary comb filter
Secondary comb
filter
Number of channels
2 channels
2 channels
1 channel
1 channel
Phrase control table
Both 2 channels without
user definable phrase
restrictions
Can edit 8
phrases (1
channel only)
Can edit 8 phrases
None
Volume adjustment
29 steps
(
–2 dB/–5 dB steps)
4 steps
(
–6 dB steps)
Set at VREF.
Set at VREF.
Repeat function
No limit
4 types
None
None
STOP
Each channel
independent
Simultaneous
channels 1 and 2
Available
Available
Seam silence
interval in
continuous playback
0 (Note)
4 sampling cycles
3 sampling cycles
4 sampling cycles
Others
External data input
possible
—
—
—
Note: Continuous playback shown in the figure below is possible.
1 phrase
1 phrase
1 phrase
1 phrase
ML2250 family
Conventional
Silence interval
No silence interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com