Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 20 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 20 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 16Page - OKI electronic componets ML2250 Datasheet HTML 17Page - OKI electronic componets ML2250 Datasheet HTML 18Page - OKI electronic componets ML2250 Datasheet HTML 19Page - OKI electronic componets ML2250 Datasheet HTML 20Page - OKI electronic componets ML2250 Datasheet HTML 21Page - OKI electronic componets ML2250 Datasheet HTML 22Page - OKI electronic componets ML2250 Datasheet HTML 23Page - OKI electronic componets ML2250 Datasheet HTML 24Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
20/36
Analog Section Characteristics (3 V)
ML2251/52/53/54/56-XXX, ML22Q54/Q58
ML2251/52/53/54/56-XXX: DVDD = AVDD = 2.7 to 3.6 V, DGND = AGND = 0 V, Ta = –40 to +85°C
ML22Q54: DVDD = AVDD = 2.7 to 3.6 V, DGND = AGND = 0 V, Ta = 0 to +70°C
ML22Q58 : DVDD = AVDD = 2.7 to 3.3 V, DGND = AGND = 0 V, Ta = 0 to +70°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
AOUT output load
resistance
RLAO
—
50
—
—
k
AOUT output voltage range
VAOUT
No output load
0.5
—
AVDD –0.5
V
DAO output impedance
RDAO
—
30
50
70
k
Analog Section Characteristics (5 V)
ML2251/52/53/54/56-XXX, ML22Q58
ML2251/52/53/54/56-XXX : DVDD = AVDD = 4.5 to 5.5 V, DGND = AGND = 0 V, Ta = –40 to +85°C
ML22Q58 : DVDD = AVDD = 2.7 to 3.3 V, DGND = AGND = 0 V, Ta = 0 to +70°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
AOUT
output
load
resistance
RLAO
—
50
—
—
k
AOUT output voltage range
VAOUT
No output load
0.5
—
AVDD –0.5
V
DAO output impedance
RDAO
—
30
50
70
k
REGOUT output voltage
VREGO
ML22Q58
2.7
3
3.3
V
VBG output voltage
VBG
ML22Q58
1.0
1.3
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com