Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 31 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 31 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 27Page - OKI electronic componets ML2250 Datasheet HTML 28Page - OKI electronic componets ML2250 Datasheet HTML 29Page - OKI electronic componets ML2250 Datasheet HTML 30Page - OKI electronic componets ML2250 Datasheet HTML 31Page - OKI electronic componets ML2250 Datasheet HTML 32Page - OKI electronic componets ML2250 Datasheet HTML 33Page - OKI electronic componets ML2250 Datasheet HTML 34Page - OKI electronic componets ML2250 Datasheet HTML 35Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
31/36
APPLICATION CIRCUIT EXAMPLE (ML2251/52/53/54/56-XXX, ML22Q54)
Parallel Interface
Serial Interface
AOUT
RESET
CS
WR
RD
D7-0
NCR1
NCR2
BUSY1
BUSY2
SERIAL
OPTANA
XT
XT
MCU
amplifier
4.096MHz
30pF
30pF
8
AOUT
RESET
CS
WR
RD
SCK
DI
DO
NCR1
NCR2
BUSY1
BUSY2
SERIAL
OPTANA
XT
XT
MCU
4.096MHz
30pF
30pF
amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com