Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 15 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 15 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 11Page - OKI electronic componets ML2250 Datasheet HTML 12Page - OKI electronic componets ML2250 Datasheet HTML 13Page - OKI electronic componets ML2250 Datasheet HTML 14Page - OKI electronic componets ML2250 Datasheet HTML 15Page - OKI electronic componets ML2250 Datasheet HTML 16Page - OKI electronic componets ML2250 Datasheet HTML 17Page - OKI electronic componets ML2250 Datasheet HTML 18Page - OKI electronic componets ML2250 Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
15/36
Pin
Symbol
Type
Description
24
D6/SCK
I/O
Works as CPU interface data bus pin in parallel input interface.
Works as flash memory data output pin when reading the built-in flash
memory data.
When RD is at
“L” level other than when reading the flash memory data,
this D6/SCK pin usually outputs
“L” level.
Works as serial clock input pin in the serial input interface.
When the SCK input is at
“L” level on the falling edge of WR, RD, DW,
the DI input is captured in device on the rising edge of SCK clock. And
when the SCK input is at
“H” level on the falling edge of CS, the DI input
is captured on the falling edge of SCK clock.
26
D7/DI
I/O
Works as CPU interface data bus pin in the parallel input interface.
Works as flash data output pin when reading the built-in flash memory
data.
When RD is at
“L” level at times other than reading the flash memory
data, this D7/DI pin usually outputs
“L” level.
Works as serial data input pin in the serial input interface.
28
DAO
O
DAO pin outputs the 14-bit DAC analog signal.
29
AOUT
O
AOUT pin outputs the 14-bit DAC analog signal via voltage follower.
32
SERIAL
I
CPU interface switching pin.
At
“H” level: Serial input interface. At “L” level: Parallel input interface.
36
CS
I
CPU interface chip select pin.
When CS pin is at
“H” level, the WR, DW, and RD signals cannot be input
to the device.
37
OPTANA
I
Keep this pin
“L” level. 14-bit DAC analog signal is output from DAO pin
and 14-bit DAC analog signal is output from AOUT pin via the voltage
follower.
42
WR
I
CPU interface write signal.
When CS pin is at
“H” level, the WR signal cannot be input to the device.
2
DW
I
Data write signal at EXT command and Flash I/F command.
When the EXT and Flash I/F commands are not used, keep this pin at
“H” level.
When CS pin is at
“H” level, the DW signal cannot be input to the device.
This pin has a pull-up resistor built in.
6
RD
I
CPU interface read signal.
This pin is used when reading the status signal of each channel or when
reading data of the built-in flash memory.
When not in use, keep this pin to
“H” level.
This pin has a pull-up resistor built in.
7
TESTO
O
Output pin for testing.
Keep this pin open.
8
RD/BY
O
Output pin to indicate the automatic erase/write status of the built-in
flash memory.
Outputs
“L” level during erase or programming cycle to indicate the
busy state. Goes to
“H” level at the end of the erase or programming
cycle and enters into the ready state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com