Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 13Page - OKI electronic componets ML2250 Datasheet HTML 14Page - OKI electronic componets ML2250 Datasheet HTML 15Page - OKI electronic componets ML2250 Datasheet HTML 16Page - OKI electronic componets ML2250 Datasheet HTML 17Page - OKI electronic componets ML2250 Datasheet HTML 18Page - OKI electronic componets ML2250 Datasheet HTML 19Page - OKI electronic componets ML2250 Datasheet HTML 20Page - OKI electronic componets ML2250 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
17/36
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Ta = 25
°C
ML2251/52/53/54/56-XXX
ML22Q58
–0.3 to +7.0
V
Power supply voltage
VDD
Ta = 25
°C, ML22Q54
–0.3 to +4.6
V
Input voltage
VIN
Ta = 25
°C
–0.3 to VDD +0.3
V
Ta=25
°C
Without ML2253/54-XXXHB
900
Ta=25
°C
ML2253/54-XXXHB
660
Power Dissipation
PD
Ta=25
°C
ML2256-XXXHB
1060
mW
Ta = 25 C, Applies to output pins
excluding REGOUT pin
6
mA
Output short current
ISC
Ta = 25 C, Applies to REGOUT pin
45
mA
Storage temperature
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS (3 V)
ML225152/53/54/56-XXX, ML22Q54/Q58
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
ML2251/52/53/54/56-XXX,
ML22Q54
2.7 to 3.6
V
Power supply voltage
VDD
ML22Q58
2.7 to 3.3
V
ML2251/52/53/54/56-XXX
–40 to +85
Operating temperature
TOP
ML22Q54/Q58
0 to +70
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
—
3.5
4.096
4.5
MHz
RECOMMENDED OPERATING CONDITIONS (5 V)
ML2251/52/53/54/56-XXX, ML22Q58
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Power supply voltage
VDD
—
4.5 to 5.5
V
ML2251/52/53/54/56-XXX
–40 to +85
°C
ML22Q58
0 to +70
°C
Operating temperature
TOP
ML22Q58 (Writing Flash)
0 to +50
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
—
3.5
4.096
4.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com