Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 22 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 22 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 18Page - OKI electronic componets ML2250 Datasheet HTML 19Page - OKI electronic componets ML2250 Datasheet HTML 20Page - OKI electronic componets ML2250 Datasheet HTML 21Page - OKI electronic componets ML2250 Datasheet HTML 22Page - OKI electronic componets ML2250 Datasheet HTML 23Page - OKI electronic componets ML2250 Datasheet HTML 24Page - OKI electronic componets ML2250 Datasheet HTML 25Page - OKI electronic componets ML2250 Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
22/36
Status Read Timing
Data Stable
CS
(I)
RD
(I)
D7 to D0 (I/O)
Table below shows the contents of each data output when reading the status of the channels.
Pin
Output status signal
D7
“L” level
D6
“L” level
D5
“L” level
D4
“L” level
D3
Channel 2 busy output (BUSY2)
D2
Channel 1 busy output (BUSY1)
D1
Channel 2 NCR output (NCR2)
D0
Channel 1 NCR output (NCR1)
The ÞËÍÇ signal outputs “L” level when either a command is being processed or the playback of a pertinent
channel is going on. In other states, the ÞËÍÇ signal outputs “H” level.
The NCR signal outputs “L” level when either a command is being processed or a pertinent channel is in standby
for playback. In other states, the NCR signal outputs “H” level.
To read out a status after inputting Flash I/F command for ML22Q54/Q58, D7-D0 pins output “L” level during
command processing. After the command processing is completed, D7-D0 pins output ”H” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com