Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 9Page - OKI electronic componets ML2250 Datasheet HTML 10Page - OKI electronic componets ML2250 Datasheet HTML 11Page - OKI electronic componets ML2250 Datasheet HTML 12Page - OKI electronic componets ML2250 Datasheet HTML 13Page - OKI electronic componets ML2250 Datasheet HTML 14Page - OKI electronic componets ML2250 Datasheet HTML 15Page - OKI electronic componets ML2250 Datasheet HTML 16Page - OKI electronic componets ML2250 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
13/36
QFP
Pin
WCSP pin
ML2256
WCSP pin
Symbol
Type
Description
24
F5
E6
D6/SCK
I/O
CPU interface data bus pin in the parallel input interface.
Usually outputs
“L” level when RD = “L” level.
Works as serial clock input pin in the serial input interface.
When the SCK input is at
“L” level on the falling edge of WR,
RD, DW
, the DI input is captured in the device on the rising
edge of SCK clock. And when the SCK input is at
“H” level
on the falling edge of WR, RD, DW, the DI input is captured
on the falling edge of SCK clock.
26
C4
D5
D7/DI
I/O
CPU interface data bus pin in the parallel input interface.
Usually output
“L” level when RD is at “L” level.
Works as serial data input pin in the serial input interface.
28
F3
E4
DAO
O
DAO pin outputs analog signal of 14-bit DAC.
29
E3
E3
AOUT
O
AOUT pin usually outputs the analog signal of 14-bit DAC
via voltage follower.
32
F1
D2
SERIAL
I
CPU interface switching pin.
Serial input interface at
“H” level. And parallel input interface
at
“L” level.
36
D2
D1
CS
I
CPU interface chip select pin.
When CS pin is at
“H” level, the WR, DW, and RD signals
cannot be input to the device.
37
E1
C2
OPTANA
I
Keep this pin
“L” level. The analog signal of 14-bit DAC is
output from DAO pin and from AOUT pin via voltage
follower.
42
C2
B2
WR
I
CPU interface write signal.
When CS pin is at
“H” level, the WR signal cannot be input to
the device.
2
B1
C3
DW
I
Data write signal when using EXT command for the voice
output.
Set the pin to
“H” level when not using EXT command.
When CS pin is at
“H” level, the DW signal cannot be input to
the device.
This pin has a pull-up resistor built in.
6
A3
A4
RD
I
CPU interface read signal.
When CS pin is at
“H” level, the RD signal cannot be input to
the device.
This pin has a pull-up resistor built in.
7, 8
B3, A4
B4
C4
TESTO1
TESTO2
O
Output pin for testing.
Keep this pin open.
30
F2
E2
AVDD
—
Analog power supply pin.
Insert a 0.1 F or larger bypass capacitor between this pin
and AGND pin.
13, 40
B5, C1
A6,B1
DVDD
—
Digital power supply pin.
Insert a 0.1 F or larger bypass capacitor between this pin
and DGND pin.
27
F4
E5
AGND
—
Analog ground pin.
17, 31,
39
C6, D1,
E2
C1,C7,E1
DGND
—
Digital ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com