Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 28 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 28 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 24Page - OKI electronic componets ML2250 Datasheet HTML 25Page - OKI electronic componets ML2250 Datasheet HTML 26Page - OKI electronic componets ML2250 Datasheet HTML 27Page - OKI electronic componets ML2250 Datasheet HTML 28Page - OKI electronic componets ML2250 Datasheet HTML 29Page - OKI electronic componets ML2250 Datasheet HTML 30Page - OKI electronic componets ML2250 Datasheet HTML 31Page - OKI electronic componets ML2250 Datasheet HTML 32Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
28/36
Built-in ROM Usage Prohibited Area
(Applies to ML2251/52/53/54/56-XXX, ML22Q54/Q58)
The 8 bytes between the voice control area and the voice area in the ROM is the prohibited area for use.
The voice data are stored automatically behind 00808(HEX) address by using the development tool (AR207) when
creating the ROM data.
Table below lists the addresses prohibited for use in every ROM model.
Model
Voice data area
Usage prohibited area
ML2251
00808 to FFFF
00800 to 00807
ML2252
00808 to 1FFFF
00800 to 00807
ML2253
00808 to 5FFFF
00800 to 00807
ML2254, 22Q54
00808 to 7FFFF
00800 to 00807
ML2256
00808 to BFFFF
00800 to 00807
ML22Q58
00808 to FFFFF
00800 to 00807
Note: The addresses are indicated in hexadecimal notation.
Playback Time and Memory Capacity
The playback time depends upon the memory capacity, sampling frequency, and playback method.
The equation showing the relationship is given below.
Playback time [sec] =
1.024
(Memory capacity – 16) (Kbit)
Sampling frequency (kHz)
Bit length
(Bit length is ADPCM, ADPCM 2 = 4 bits; PCM = 8 bits.)
Example: Let the sampling frequency is 16 kHz and 4-bit ADPCM algorithm. If one 8 Mbits ROM is used, then the
playback time is obtained as follows:
Playback time=
131 (sec)
1.024
(8192 – 16) (Kbit)
16 (kHz)
4 (bit)
The above equation gives the playback time when the phrase control table function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com