Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 1 Page - OKI electronic componets

  ML2250 Datasheet HTML 1Page - OKI electronic componets ML2250 Datasheet HTML 2Page - OKI electronic componets ML2250 Datasheet HTML 3Page - OKI electronic componets ML2250 Datasheet HTML 4Page - OKI electronic componets ML2250 Datasheet HTML 5Page - OKI electronic componets ML2250 Datasheet HTML 6Page - OKI electronic componets ML2250 Datasheet HTML 7Page - OKI electronic componets ML2250 Datasheet HTML 8Page - OKI electronic componets ML2250 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
OKI Semiconductor
FEDL2250DIGEST-09
Issue Date: Sep. 15, 2005
ML2251/52/53/54/56-XXX,
ML22Q54/Q58
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
This document contains minimum specifications. For full specifications, please contact your nearest Oki office or
representative.
GENERAL DESCRIPTION
The ML2250 family is a 2-channel mixing speech synthesis device with an on-chip voice data (i.e., phrases)
storing mask ROM and a flash memory. Besides playing the built-in voice data, this device can output voice data
that is input from outside the device. This ML2250 family allows selecting the playback method from the 8-bit
PCM, non-linear 8-bit PCM, 16-bit PCM, 2-bit ADPCM2, and 4-bit ADPCM2 algorithms. And the sound volume
is adjustable as well.
The ML2250 family incorporates a 14-bit D/A converter and low-pass filter.
It is easy to configure a speech synthesizer by externally connecting a power amplifier and a CPU to the ML2250
family.
The ML2250 family line-up includes 2 types of products: with on-chip mask ROM, and with on-chip flash
memory.
ML2251/52/53/54/56-XXX
This is a CMOS single chip speech synthesis device with an on-chip mask ROM. Products with 5 types of mask
ROMs are available in the ML2250 family depending upon the total playback time length.
ML22Q54/Q58
The ML22Q54/Q58 is a speech synthesis device with a 4-Mbit flash memory built in. The voice data can be
easily written to the flash memory using a special tool. The on-chip flash memory product is suitable for the
diversified low volume production or short delivery time applications that the on-chip mask ROM product
cannot support. The ML22Q54/Q58 is most suitable for evaluation because the circuit configuration is the same
as the on-chip mask ROM product. As it is easy to write to build in-flash memory, it is able to combine fixed
message and variable message.
1/36


Similar Part No. - ML2250

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
OKI electronic componet...
ML2252 OKI-ML2252 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2252BCP MICRO-LINEAR-ML2252BCP Datasheet
202Kb / 13P
關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252BCQ MICRO-LINEAR-ML2252BCQ Datasheet
202Kb / 13P
關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252CCP MICRO-LINEAR-ML2252CCP Datasheet
202Kb / 13P
關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
More results

Similar Description - ML2250

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com