Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 29 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 29 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 25Page - OKI electronic componets ML2250 Datasheet HTML 26Page - OKI electronic componets ML2250 Datasheet HTML 27Page - OKI electronic componets ML2250 Datasheet HTML 28Page - OKI electronic componets ML2250 Datasheet HTML 29Page - OKI electronic componets ML2250 Datasheet HTML 30Page - OKI electronic componets ML2250 Datasheet HTML 31Page - OKI electronic componets ML2250 Datasheet HTML 32Page - OKI electronic componets ML2250 Datasheet HTML 33Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
29/36
Mixing Function
The ML2250 family can perform simultaneous mixing of 2 channels. It is possible to specify PLAY and STOP for
each channel separately.
Precautions for Waveform Clamp at the Time of Channels Mixing
When mixing of channels is done, the clamp occurrence possibility increases from the mixing calculation point
of view. If it is known beforehand that the clamp will occur, then adjust the sound volume by VOL command.
Mixing of Different Sampling Frequency
It is not possible to perform analog mixing by a different sampling frequency.
When performing analog mixing, the sampling frequency group of the first playback channel is selected.
Therefore, please note that if analog mixing is performed by a sampling frequency group other than the selected
sampling frequency group, then the playback will not be of constant speed: some times faster and at other times
slower.
The available sampling groups for analog mixing by a different sampling frequency are listed below.
4.0 kHz, 8.0 kHz, 16.0 kHz, 32.0 kHz
··· (Group 1)
5.3 kHz, 10.6 kHz, 21.3 kHz, 42.7 kHz
··· (Group 2)
6.0kHz, 12.0kHz, 24.0kHz, 48.0kHz
··· (Group 3)
6.4 kHz, 12.8 kHz, 25.6 kHz
··· (Group 4)
Figures below show a case when a sampling frequency group played back a different sampling frequency group.
Channel 1
Channel 2
fs = 16.0 kHz
fs = 25.6 kHz (Invalid. Played back as fs = 32.0 kHz.)
Figure 1 In Case a Different Sampling Frequency Played Back
during Playback of the Other Channel Playback
Normal playback if not played back by
other channel.
Channel 1
Channel 2
fs = 16.0 kHz
fs = 25.6 kHz (Valid)
End of channel 1
Figure 2 In Case a Different Sampling Frequency Played Back
after the End of the Other Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com