Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2250 Datasheet(PDF) 30 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 30 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 26Page - OKI electronic componets ML2250 Datasheet HTML 27Page - OKI electronic componets ML2250 Datasheet HTML 28Page - OKI electronic componets ML2250 Datasheet HTML 29Page - OKI electronic componets ML2250 Datasheet HTML 30Page - OKI electronic componets ML2250 Datasheet HTML 31Page - OKI electronic componets ML2250 Datasheet HTML 32Page - OKI electronic componets ML2250 Datasheet HTML 33Page - OKI electronic componets ML2250 Datasheet HTML 34Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
30/36
Phrase Control Table Function
The phrase control table function makes it possible to play back multiple phrases in succession. The following
functions are set using the phrase control table function:
Continuous playback:
There is no limit to the number of times a continuous playback can be specified. It
depends on the memory capacity only.
Silence insertion function: 4 to 1024 ms
Using the phrase control table function enables to effectively use the memory capacity of voice ROM.
Below is an example of the ROM configuration in the case of using the phrase control table function.
Example 1: Phrases Using the Phrase Control Table Function
A
D
A
C
E
B
E
C
D
D
D
B
A
D
B
E
C
D
Silence
Phrase 1
Phrase 2
Phrase 3
Phrase 4
Phrase 5
Example 2: Example of ROM Data in case Example 1 Converted to ROM
Editing area
Address control area
A
B
C
D
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com