Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 13Page - OKI electronic componets ML7005MB Datasheet HTML 14Page - OKI electronic componets ML7005MB Datasheet HTML 15Page - OKI electronic componets ML7005MB Datasheet HTML 16Page - OKI electronic componets ML7005MB Datasheet HTML 17Page - OKI electronic componets ML7005MB Datasheet HTML 18Page - OKI electronic componets ML7005MB Datasheet HTML 19Page - OKI electronic componets ML7005MB Datasheet HTML 20Page - OKI electronic componets ML7005MB Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
¡ Semiconductor
ML7005
17/24
Control Register CR
Bit No.
Name
Description
D3
CPGC
This bit is used to control the ON/OFF of call progress tone transmitting.
"0" : The GPTGO output is OFF and the SG level is output.
"1" : The GPTGO output is ON and CPT is output.
D2
DTTIM
This bit is used to control the detect time of DTMF receiver.
"0" : Normal detect "1" : High-speed detect
When there is enough time, set to the normal detect mode (DTTIM = "0") because the
high-speed detect mode sometimes causes erroneous detection by noise or voice signal.
D1
DOEN
This bit is used to control the call progress tone detector and FX detector.
"0" : The CPDO and FXDO output pins and CPDR and FXDR registers are fixed to "0".
"1" : The CPDO and FXDO output pins and CPDR and FXDR registers become valid.
D0
MFC
This bit is used to control the ON/OFF of DTMF transmit output.
"0" : The DTGO output is OFF and the SG level is output.
"1" : The DTGO output is ON and the DTMF signal is output.
D3
CPGC
D2
DTTIM
D1
DOEN
D0
MFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com