Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 8Page - OKI electronic componets ML7005MB Datasheet HTML 9Page - OKI electronic componets ML7005MB Datasheet HTML 10Page - OKI electronic componets ML7005MB Datasheet HTML 11Page - OKI electronic componets ML7005MB Datasheet HTML 12Page - OKI electronic componets ML7005MB Datasheet HTML 13Page - OKI electronic componets ML7005MB Datasheet HTML 14Page - OKI electronic componets ML7005MB Datasheet HTML 15Page - OKI electronic componets ML7005MB Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
¡ Semiconductor
ML7005
12/24
Timing When DTMF is received
DTMF Receive Data
SP
AIN Signal
tCYCDT
tDETDT
tPOSDT
tREJDT
tBRKDT1
tDELDT
tSP
tHOLDT
tBRKDT2
Figure 3 Timing When DTMF is Received
tDETDT : Time to Detect
When Time to Detect is the specified value of tDETDT or more, the DTMF signal is
normally received.
tREJDT : Time to Reject
When Time to Reject is the specified value of tREJDT or less, the input signal is ignored
and the SP and DTMF receive data are not output.
tPOSDT : Interdigit Pause
When there is no input signal for the period of tPOSDT or more, the DTMF receive data
and SP are reset. Even if the receive data is changed, when Interdigit Pause Time is the
value of tPOSDT or less (including the change without Drop Out), SP remains at "0" and
the DTMF receive data may maintain its initial value.
tBRKDT1 : Acceptable Drop Out Time 1
Acceptable Drop Out Time 1 is applied between when the input signal comes and when
SP becomes "0". Even if there is no input signal for the period of tBRKDT1 or less, the SP
and DTMF receive data are normally output.
tBRKDT2 : Acceptable Drop Out Time 2
Acceptable Drop Out Time 2 is applied when SP is "0" (when receive data is output).
Even if there is no input signal during signal reception for the period of tBRKDT2 or less,
SP and DTMF receive data are not reset.
tCYCDT : Signal Repetition Time
Signal Repetition Time should be the specified value of tCYCDT or more so that a signal
is normally received.
tDELDT : Detect Delay Time
The DTMF receive data is output with a delay of the specified value of tDELDT after the
input signal appears.
tHOLDT : Detect Hold Time The SP and DTMF receive data outputs stop with a delay of the
specified value of tHOLDT after the input signal disappears.
tSP :
SP Delay Time
The SP data is output with a delay of the specified value of tSP after the DTMF receive
data is output. The DTMF receive data should be latched after detecting the fall of SP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com