Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 5Page - OKI electronic componets ML7005MB Datasheet HTML 6Page - OKI electronic componets ML7005MB Datasheet HTML 7Page - OKI electronic componets ML7005MB Datasheet HTML 8Page - OKI electronic componets ML7005MB Datasheet HTML 9Page - OKI electronic componets ML7005MB Datasheet HTML 10Page - OKI electronic componets ML7005MB Datasheet HTML 11Page - OKI electronic componets ML7005MB Datasheet HTML 12Page - OKI electronic componets ML7005MB Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
¡ Semiconductor
ML7005
9/24
AC Characteristics 2 Call Progress Tone (CPT) Generator
AC Characteristics 3 Call Progress Tone (CPT) Detector
Figure 1 CPT Detect Timing
Parameter
Symbol
Condition
Typ.
Unit
Tone Transmit Amplitude
VCPT
–2.5
dBm
—
Output Frequency
fCPT
Hz
—
400
Min.
Max.
–4
–1
420
380
Total Harmonic Distortion
THDCPT
dB
Harmonics - Fundamental
–39
–23
—
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
Parameter
Symbol
Condition
Typ.
Unit
CPT Detect Amplitude
VDETCP
—
—
Min.
Max.
–46
–6
dBm
—0
–46
—
–60
—
fin = 350 to 450 Hz at CPDIO
2.7 V £ VDD £ 5.5 V
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
4.5 V £ VDD £ 5.5 V
CPT Non-detect Amplitude
VREJCP
Time to Detect
tDETCP
Time to Reject
tREJCP
CPT Detect Delay Time
tDELCP
CPT Detect Hold Time
tHOLCP
CPT Detect Frequency
fDETCP
CPT Non-detect Frequency
fRETCP
ms
—
—10
——
30
Non-detect
Detect
18
18
30
30
10
10
—
—
—
290
530
—
Hz
—
—
450
350
Hz
See Figure 1.
ms
CPDI
CPDO
(CPDR)
tREJCP
tDETCP
tDELCP
tHOLCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com