Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 15 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 15 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 11Page - OKI electronic componets ML7005MB Datasheet HTML 12Page - OKI electronic componets ML7005MB Datasheet HTML 13Page - OKI electronic componets ML7005MB Datasheet HTML 14Page - OKI electronic componets ML7005MB Datasheet HTML 15Page - OKI electronic componets ML7005MB Datasheet HTML 16Page - OKI electronic componets ML7005MB Datasheet HTML 17Page - OKI electronic componets ML7005MB Datasheet HTML 18Page - OKI electronic componets ML7005MB Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
¡ Semiconductor
ML7005
15/24
REGISTER DESCRIPTION
Register Interface Description
The ML7005 contains a 4-bit DTMF transmit data register (DTMFT), a 4-bit DTMF receive data
register (DTMFR), a 4-bit control register (CR), and a 4-bit status register (STR). The DTMFT and
CR registers are for Write-only and the DTMFR and STR registers are for Read-only.
When the PTYPE pin is "1", accessing the registers is possible in the Intel processor mode. When
the PTYPE pin is "0", accessing the registers is possible in the Motorola processor mode.
In the Intel processor mode (PTYPE="1"), when CS is "0", data can be written to the DTMFT and
CR registers by fetching data from D3 to D0 at the rising edge of the WR signal. When CS is "0",
the contents of DTMFR and STR can be transferred to D3 to D0 by setting READ to "0".
In the Motorola processor mode (PTYPE="0"), when CS and WR are "0", data can be written to
the DTMFT and CR registers by fetching D3 to D0 data and ALE at the falling edge of READ.
When CS is "0" and WR is "1", the contents of DTMFR and STR are transferred to D3 to D0 by
latching ALE at the rising edge of READ.
When the PD pin is set to "1" the DTMFT and CR registers are reset.
Table 1 Outline of Registers
Note:
The contents of the DTMFT and CR registers cannot be read.
Table 2 Register Names
Register
name
Accessing
(address) in Intel
processor mode
Description
Accessing in
Motorola
processor mode
Writing to DTMFT
WR
ALE
D0
D1
Reading from DTMFR
0
1
0
0
0
1
0
0
DTMFT
DTMFR
Writing to CR
0
1
0
1
CR
Reading from STR
1
1
1
1
STR
Register name
D0
D1
D2
D3
DTT0
DTR0
DTT1
DTR1
DTT2
DTR2
DTT3
DTR3
DTMFT
DTMFR
MFC
DOEN
DTTIM
CPGC
CR
DETF
CPDR
FXDR
SP
STR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com