Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 19 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 19 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 15Page - OKI electronic componets ML7005MB Datasheet HTML 16Page - OKI electronic componets ML7005MB Datasheet HTML 17Page - OKI electronic componets ML7005MB Datasheet HTML 18Page - OKI electronic componets ML7005MB Datasheet HTML 19Page - OKI electronic componets ML7005MB Datasheet HTML 20Page - OKI electronic componets ML7005MB Datasheet HTML 21Page - OKI electronic componets ML7005MB Datasheet HTML 22Page - OKI electronic componets ML7005MB Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
¡ Semiconductor
ML7005
19/24
FUNCTIONAL DESCRIPTION
Oscillation Circuit
The X1 and X2 should be connected by a 3.579545 MHz crystal.
When the load capacitance of the crystal is 16pF, X1 and GND should be connected by a 20 pF
capacitor, and X2 and GND also should be connected by a 20 pF capacitor.
If necessary, an external clock should be input to X1 via a 1000 pF capacitor, and X2 should be
left open.
Figure 6 Crystal Connection
Figure 7 External Clock Connection
DTMF Receiver, CPT Detector Input Level Adjustment
Adjust the input level according to the method shown in the figure 8.
Determine the value of a usable resistor so that the levels of the outputs (DTIO, CPDIO) of each
amplifier at a maximum input level are less than the maximum detect level described in the AC
Characteristics.
X1
X2
C1
3.579545MHz
C2
X1
X2
3.579545MHz
Figure 8 DTMF, CPT Input Level Adjustment
+
–
RA
RC
RB
DTRIO
DTRIM
CA
IN
DTRIP
(CPDIM)
(CPDIP)
(CPDIO)
SG
RA ≥ 100 kW
RB, RC ≥ 50 kW
CA ≥ 0.1 mF
Gain = 1 +
RB
RC
£ 10
–
+
RD
DTRIP
CA
IN
DTRIM
(CPDIP)
(CPDIM)
SG
Gain =
RE
RD
£ 10
RE
DTRIO
(CPDIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com