Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 4Page - OKI electronic componets ML7005MB Datasheet HTML 5Page - OKI electronic componets ML7005MB Datasheet HTML 6Page - OKI electronic componets ML7005MB Datasheet HTML 7Page - OKI electronic componets ML7005MB Datasheet HTML 8Page - OKI electronic componets ML7005MB Datasheet HTML 9Page - OKI electronic componets ML7005MB Datasheet HTML 10Page - OKI electronic componets ML7005MB Datasheet HTML 11Page - OKI electronic componets ML7005MB Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
¡ Semiconductor
ML7005
8/24
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
AC CHARACTERISTICS
AC Characteristics 1 DTMF Signal Generator
*1 DTRIM, DTRIP, CPAI, DTAI, FXDIM, CPDIP, CPDIM
*2 DTRIO, CPAO, CPTGO, DTGO, DTAO, FXDIO, CPDIO
*3 DTRIO, CPAO, CPTGO, DTGO, DTAO, FXDIO, CPDIO, SG
Parameter
Symbol Condition or Applicable pin
Typ.
Unit
Power Supply Current
IDD1
IDD2
mA
Digital Input Voltage
VIH
V
VIL
Digital Input Current
IIH
mA
IIL
Digital Output Voltage
VOH
V
VOL
VOLCK
0.06
Analog Input Resistance
RIN
10
MW
Power Down Mode
VI = 0 V
Other than
CLK0
*1
1
0
0
Min.
Max.
9.0
40
VDD
0.3VDD
+10
+10
0.0
0.2
——
0.7 VDD
0.0
–10
–10
VOHCK
CLKO, CL £ 20pF
VDD – 0.06
VDD
VDD – 0.2
Analog Output DC Potential
VSG
VDD/2
SG
VDD /2–0.1
VDD /2–0.1
VAO
VDD/2
V
——
Analog Output Load Resistance
ROUT
—KW
20
mA
4.0
5.0
*2
*3
IOL = 100 mA
IOH = –100 mA
VDD = 3 V
VDD = 5 V
Operating Mode
VDD
0.5
VDD – 0.5
0.0
VI = VDD
VDD = 2.7 to 5.5 V
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
Parameter
Symbol
Condition
Typ.
Unit
DTMF Tone Transmit Amplitude
VDTTL
dBm
VDTTH
fDDT
–7.0
Out-of-Band Spurious
VS1
P–51
dB
Measured at
DTGO
With respect to
output signal
level measured
at DTGO
Min.
Max.
–8.5
–5.5
P–20
VDTDF
–9.0
–7.5
–10.5
VS2
P–60
P–40
VS3
P–75
P–60
High Group Tone
Low Group Tone
2.0
3.0
+1.5
1.0
–1.5
VDTTH – VDTTL
To Nominal
Frequency
THDDT
–40
–23
Harmonics -
Fundamental
4kHz to 8kHz
8kHz to 12kHz
12 kHz to each
4 kHz band
Tone Transmit Amplitude Ratio
Tone Frequency Accuracy
Total Harmonic Distortion
dB
%
dB
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
*1
*1 0dBm = 0.775 Vrms (For all AC characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com