Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 18 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 18 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 14Page - OKI electronic componets ML7005MB Datasheet HTML 15Page - OKI electronic componets ML7005MB Datasheet HTML 16Page - OKI electronic componets ML7005MB Datasheet HTML 17Page - OKI electronic componets ML7005MB Datasheet HTML 18Page - OKI electronic componets ML7005MB Datasheet HTML 19Page - OKI electronic componets ML7005MB Datasheet HTML 20Page - OKI electronic componets ML7005MB Datasheet HTML 21Page - OKI electronic componets ML7005MB Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
¡ Semiconductor
ML7005
18/24
Status Register STR
Bit No.
Name
Description
D3
SP
This bit is used to indicate whether the DTMF receive signal is being received.
"0" : Indicates that the valid DTMF signal is being received.
"1" : Indicates that the DTMF signal is not being received.
D2
FXDR
This bit is used to indicate whether the FAX signal (FX) is being received.
"0" : Indicates that the FAX signal (FX) is not being received.
"1" : Indicates that the valid FAX signal (FX: 1300 Hz) is being received.
When a call progress tone is received (CPDO="1"), this bit is forced to be "0".
When the DOEN register is "0", this bit also is fixed at "0". This bit has the same
function as that of the FXDO.
D1
CPDR
This bit is used to indicate whether the call progress tone is being received.
"0" : Indicates that the call progress tone is not being received.
"1" : Indicates that the valid call progress tone (400 Hz) is being received.
When the DOEN register is "0", this bit is fixed at "0". This bit has the same function
as that of the CPDO pin.
D0
DETF
This is a flag to indicate that a detector has changed its status from a non-detect state to
a detect state.
This bit is "1" when:
(1) SP is changed from "1" to "0",
(2) FXDR is changed from "0" to "1", or
(3) CPDR is changed from "0" to "1".
This bit remains "0" even if a 1300 Hz or 400 Hz signal is input, because the FXDR
and CPDR are fixed at "0" when the DOEN regsiter is "0".
When the processor has read the status register, this bit is reset to "0".
When the processor does not read the status register after a signal is detected, this bit is
"0" after the detected signal disappears.
D3
SP
D2
FXDR
D1
CPDR
D0
DETF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com