Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 2Page - OKI electronic componets ML7005MB Datasheet HTML 3Page - OKI electronic componets ML7005MB Datasheet HTML 4Page - OKI electronic componets ML7005MB Datasheet HTML 5Page - OKI electronic componets ML7005MB Datasheet HTML 6Page - OKI electronic componets ML7005MB Datasheet HTML 7Page - OKI electronic componets ML7005MB Datasheet HTML 8Page - OKI electronic componets ML7005MB Datasheet HTML 9Page - OKI electronic componets ML7005MB Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
¡ Semiconductor
ML7005
6/24
Pin
Symbol
Type
Description
25
I
DTAI
Inverting input pin for operational amplifier used for adjusting the transmit output
level of the DTMF signal generator. The non-inverting input of this amplifier is
internally connected to SG. See the figure 11 for adjusting the transmit signal level.
When this amplifier is not used, the DTAO pin should be shorted to the DTAI pin.
26
O
DTAO
Output pin for operational amplifier used for adjusting the transmit output level of
the DTMF signal generator.
27
O
FXDO
Digital output pin for FAX signal (FX) detector.
When a 1300 Hz signal is input to the FXDIM, this pin is "1".
When a call progress tone (CPT) is received (CPD0="1"), this pin is forced to be "0".
When the DOEN register is "0", this pin is fixed at "0".
28
I
FXDIM
Inverting input pin for input amplifier used for detecting the FAX signal (FX).
See the figure 9 for adjusting the receive signal level.
When the FX detector is not used, the FXDIM pin should be shorted to the FXDIO pin.
29
O
FXDIO
Output pin for input amplifier used for detecting the FAX signal (FX).
30
I
CPDIP
Non-inverting input pin for input amplifier used for detecting the CPT.
See the figure 8 for adjusting the receive signal level.
When the CPT detector is not used, see the figure 10.
31
I
CPDIM
Inverting input pin for input amplifier used for detecting the CPT.
32
O
CPDIO
Output pin for input amplifier used for detecting the CPT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com