Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 12Page - OKI electronic componets ML7005MB Datasheet HTML 13Page - OKI electronic componets ML7005MB Datasheet HTML 14Page - OKI electronic componets ML7005MB Datasheet HTML 15Page - OKI electronic componets ML7005MB Datasheet HTML 16Page - OKI electronic componets ML7005MB Datasheet HTML 17Page - OKI electronic componets ML7005MB Datasheet HTML 18Page - OKI electronic componets ML7005MB Datasheet HTML 19Page - OKI electronic componets ML7005MB Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
¡ Semiconductor
ML7005
16/24
DTMFT and DTMFR Registers
16 kinds of DTMF transmit signals can be determined by setting the DTMFT register.
16 kinds of DTMF receive signals can be monitored from the DTMFR register.
The table 3 shows the DTMF signal codes.
Even if the DTMF transmit code is changed while the DTMF signal is being transmitted
(MFC="1"), the output frequency is not changed.
Table 3 DTMF Signal Code List
High group
signal (Hz)
Low group
signal (Hz)
1209
1336
697
697
1477
697
1209
770
DIGIT
1
2
3
4
DTT0
DTR0
1
0
1
0
DTT1
DTR1
0
1
1
0
DTT2
DTR2
0
0
0
1
DTT3
DTR3
0
0
0
0
1336
770
5
1
0
1
0
1477
770
6
0
1
1
0
1209
852
7
1
1
1
0
1336
852
8
0
0
0
1
1477
852
9
1
0
0
1
1336
941
0
0
1
0
1
1209
941
*
1
1
0
1
1477
941
#
0
0
1
1
1633
697
A
1
0
1
1
1633
770
B
0
1
1
1
1633
852
C
1
1
1
1
1633
941
D
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com