Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 22 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 22 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 17Page - OKI electronic componets ML7005MB Datasheet HTML 18Page - OKI electronic componets ML7005MB Datasheet HTML 19Page - OKI electronic componets ML7005MB Datasheet HTML 20Page - OKI electronic componets ML7005MB Datasheet HTML 21Page - OKI electronic componets ML7005MB Datasheet HTML 22Page - OKI electronic componets ML7005MB Datasheet HTML 23Page - OKI electronic componets ML7005MB Datasheet HTML 24Page - OKI electronic componets ML7005MB Datasheet HTML 25Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
¡ Semiconductor
ML7005
22/24
Register Settings for Each Mode
An example of register settings for each mode is shown below.
Table 4 Register Setting
Mode
Power ON
DTMF Detect
(High Speed)
CPT Detect
Description
(1) Wait until power supply is
stabilized
(2) PD pin = "1"
(internal circuit is reset)
(3) Wait 200 ms or more
(4) PD pin = "0"
(5) CR setting
(1) Detect timing setting
(2) STR monitoring
(when not detected)
(3) STR monitoring
(when detected)
(4) DTMF receive data reading
(5) STR monitoring (when
detected and after reading STR)
(6) STR monitoring (after
making the input signal OFF)
(1) CPT detect enable setting
(2) STR monitoring
(when not detected)
(3) STR monitoring
(when detected)
Address in
Intel
processor
mode
D1, D0
—
—
—
—
10
10
11
11
01
11
11
10
11
11
ALE
WR
Motorola
processor
mode
D3
D2
D1
D0
Active
register
—
—
—
—
1
1
1
1
0
1
1
1
1
1
—
—
—
—
0
0
1
1
1
1
1
0
1
1
—
—
—
—
X
0
1
0
X
0
1
0
1
1
—
—
—
—
X
1
0
0
X
0
0
0
0
0
—
—
—
—
X
0
0
0
X
0
0
1
0
1
—
—
—
—
X
0
0
1
X
0
0
0
0
1
—
—
—
—
CR
CR
STR
STR
DTMFR
STR
STR
CR
STR
STR
(4) STR monitoring (when
detected and after reading STR)
11
1
1101
0
STR
DTMF
Transmit
(1) DTMF transmit data setting
00
0
0
X
X
X
X
DTMFT
(2) DTMF transmit ON
10
1
0000
1
CR
(3) Wait transmit ON time
—
—
————
—
—
(4) DTMF transmit OFF
10
1
0000
0
CR
(5) Wait transmit OFF time
—
—
————
—
—
(6) To transmit next data,
return to (1)
—
—
————
—
—
CPT Transmit (1) CPT transmit ON
10
1
0100
0
CR
(2) Wait transmit ON time
—
—
————
—
—
(3) CPT transmit OFF
10
1
0000
0
CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com