Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005MB Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML7005MB
Description  DTMF Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7005MB Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML7005MB Datasheet HTML 10Page - OKI electronic componets ML7005MB Datasheet HTML 11Page - OKI electronic componets ML7005MB Datasheet HTML 12Page - OKI electronic componets ML7005MB Datasheet HTML 13Page - OKI electronic componets ML7005MB Datasheet HTML 14Page - OKI electronic componets ML7005MB Datasheet HTML 15Page - OKI electronic componets ML7005MB Datasheet HTML 16Page - OKI electronic componets ML7005MB Datasheet HTML 17Page - OKI electronic componets ML7005MB Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
¡ Semiconductor
ML7005
14/24
Processor Interface Characteristics (Motorola Processor Mode)
Figure 5 Processor Interface Timing (Motorola Processor Mode)
Parameter
Symbol
Condition
Typ.
Unit
READ Signal Period
tCYC
—
ms
—
READ Signal Pulse Width
tHI
ns
"H" period
—
Min.
Max.
1—
—
200
tLO
"L" period
—
—
200
(VDD = 2.7 to 5.5 V, Ta = –30 to +85°C)
ALE
tAS
ALE Æ READ
——
80
tAH
READ Æ ALE
—
—
20
CS
tCS
CS Æ READ
——
80
tCH
READ Æ CS
——
20
WR
tWRS
WR Æ READ
——
80
tWRH
READ Æ WR
——
20
D3 to D0
(Write)
tDWS
D3 to D0 Æ READ
——
80
tDWH
READ Æ D3 to D0
—
—
30
D3 to D0
(Read)
tDRD
READ Æ D3 to D0
VOL £ 0.4 V,
VOH ≥ VDD – 0.4 V
90
180
0
tDRH
D3 to D0 Æ READ
37
60
5
See
Figure 5
SETUP Time
HOLD Time
SETUP Time
HOLD Time
SETUP Time
HOLD Time
SETUP Time
HOLD Time
Delay Time
Hold Time
READ
(Clock)
ALE
(Address)
CS
WR
(Read /
Write)
tHI
tLO
D3 to D0
DATA
"Write"
tCYC
tDWS
tDWH
tWRH
tWRS
tCH
tCS
tAH
tAS
tHI
tLO
DATA
"Read"
tCYC
tDRH
tWRH
tWRS
tCH
tCS
tAH
tAS
tDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com