Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Data Sheet
ADP2387
Rev. C | Page 7 of 25
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
SW
SW
GND
VREG
FB
COMP
PGND
25
GND
26
SW
SW
BST
PVIN
PVIN
PVIN
NOTES
1. THE EXPOSED GND PAD MUST BE SOLDERED
TO A LARGE, EXTERNAL, COPPER GND PLANE
TO REDUCE THERMAL RESISTANCE.
2. THE EXPOSED SW PAD MUST BE CONNECTED
TO THE SW PINS OF THE ADP2387 BY USING
SHORT, WIDE TRACES, OR ELSE SOLDERED
TO A LARGE, EXTERNAL, COPPER SW PLANE
TO REDUCE THERMAL RESISTANCE.
ADP2387
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Error Amplifier Output. Connect an RC network from COMP to GND.
2
FB
Feedback Voltage Sense Input. Connect this pin to a resistor divider from the output voltage, VOUT.
3
VREG
Output of the Internal 8 V Regulator. The control circuits are powered from this voltage. Place a 1 µF, X7R or
X5R ceramic capacitor between this pin and GND.
4
GND
Analog Ground. This pin is the return of the internal control circuit.
5 to 7, 14
SW
Switch Node Outputs. Connect these pins to the output inductor.
8 to 13
PGND
Power Ground. This pin is the return of the low-side power MOSFET.
15
BST
Supply Rail for the High-Side Gate Drive. Place a 0.1 µF, X7R or X5R capacitor between SW and BST.
16 to 19
PVIN
Power Inputs. Connect these pins to the input power source and connect a bypass capacitor between these
pins and PGND.
20
EN
Precision Enable Pin. An external resistor divider can set the turn on threshold. To enable the device
automatically, connect the EN pin to the PVIN pin.
21
PGOOD
Power-Good Output (Open Drain). Connecting a pull-up resistor of 10 kΩ to 100 kΩ to this pin is recommended.
22
RT
Frequency Setting. Connect a resistor between RT and GND to program the switching frequency between
200 kHz to 1400 kHz.
23
ILIM
Current-Limit Threshold Setting. Connect a resistor between ILIM and GND to program the current-limit
threshold.
24
SS
Soft Start Control. Connect a capacitor from SS to GND to program the soft start time. If this pin is open, the
regulator uses the internal soft start time.
25
EP, GND
The exposed GND pad must be soldered to a large, external, copper GND plane to reduce thermal resistance.
26
EP, SW
The exposed SW pad must be connected to the SW pins of the ADP2387 by using short, wide traces, or else
soldered to a large, external copper SW plane to reduce thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com