Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 16 of 25
INDUCTOR SELECTION
The operating frequency, input voltage, output voltage, and
inductor ripple current determine the inductor value. Using a
small inductor leads to a faster transient response, but it degrades
efficiency due to a larger inductor ripple current; whereas using
a large inductor value leads to smaller ripple current and better
efficiency but results in a slower transient response.
As a guideline, the inductor ripple current, ΔIL, is typically set to
one-third of the maximum load current. Calculate the inductor
value by using the following equation:
L =
SW
L
OUT
IN
f
I
D
V
V
×
∆
×
−
)
(
where:
VIN is the input voltage.
VOUT is the output voltage.
D is the duty cycle (D = VOUT/VIN).
ΔIL is the inductor current ripple.
fSW is the switching frequency.
The ADP2387 uses adaptive slope compensation in the current
loop to prevent subharmonic oscillations when the duty cycle is
larger than 50%. The internal slope compensation limits the
minimum inductor value.
For a duty cycle that is larger than 50%, determine the
minimum inductor value by using the following equation:
L (Minimum) =
(
)
SW
OUT
f
D
V
×
−
×
4
1
Calculate the peak inductor current as follows:
IPEAK = IOUT + 2
Δ L
I
The saturation current of the inductor must be larger than the peak
inductor current. For ferrite core inductors with a quick saturation
characteristic, the saturation current rating of the inductor must
be higher than the current-limit threshold of the switch. This
higher rating prevents the inductor from reaching saturation.
Calculate the rms current of the inductor as follows:
IRMS =
12
2
2
L
OUT
I
I
∆
+
Shielded ferrite core materials are recommended for low core
loss and low EMI. Table 7 lists some recommended inductors.
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects the output ripple voltage
load step transient and the loop stability of the regulator.
For example, during a load step transient where the load is
suddenly increased, the output capacitor supplies the load until
the control loop can ramp up the inductor current. The delay
caused by the control loop causes output undershoot. Calculate
the output capacitance that is required to satisfy the voltage
droop requirement by using the following equation:
COUT_UV =
UV
OUT
OUT
IN
STEP
UV
V
V
V
L
I
K
_
2
)
(
2
∆
×
−
×
×
∆
×
where:
KUV is a factor, with a typical setting of KUV = 2.
ΔISTEP is the load step.
ΔVOUT_UV is the allowable undershoot on the output voltage.
Another example occurs when a load is suddenly removed from
the output, and the energy stored in the inductor rushes into
the output capacitor, causing the output to overshoot.
Calculate the output capacitance required to meet the overshoot
requirement by using the following equation:
COUT_OV =
2
2
_
2
)
(
OUT
OV
OUT
OUT
STEP
OV
V
V
V
L
I
K
−
∆
+
×
∆
×
where:
KOV is a factor, with a typical setting of KOV = 2.
ΔVOUT_OV is the allowable overshoot on the output voltage.
The equivalent series resistance (ESR) and capacitance value
determine the output ripple. Use the following equations to
select a capacitor to meet the output ripple requirements:
COUT_RIPPLE =
RIPPLE
OUT
SW
L
V
f
I
_
8
∆
×
×
∆
RESR =
L
RIPPLE
OUT
I
V
∆
∆
_
where:
ΔVOUT_RIPPLE is the allowable output ripple voltage.
RESR is the ESR of the output capacitor in ohms (Ω).
Select the largest output capacitance given by COUT_UV, COUT_OV,
and COUT_RIPPLE to meet both load transient and output ripple
performance.
The selected output capacitor voltage rating must be greater
than the output voltage. The rms current rating of the output
capacitor must be larger than the value calculated by
IC
OUT_RMS =
12
L
I
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com