Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 18 of 25
RESR
R
+
–
g
m
RC
CCP
COUT
CC
RTOP
RBOT
–
+
AVI
VOUT
VCOMP
VOUT
Figure 33. Simplified, Peak Current Mode Control, Small Signal Circuit
The compensation components, RC and CC, contribute a zero, and
the optional components, CCP and RC, contribute an optional pole.
The closed-loop transfer equation is as follows:
TV (s) =
×
+
−
×
+
CP
C
m
TOP
BOT
BOT
C
C
g
R
R
R
)
(
1
1
s
G
s
C
C
C
C
R
s
s
C
R
VD
CP
C
CP
C
C
C
C
×


×
×
×
×
+
×
×
×
+
The following design guideline shows how to select the RC, CC,
and CCP compensation components for ceramic output capacitor
applications.
Determine the cross frequency (fC). Generally, fC is between
fSW/12 and fSW/6.
Calculate RC by using the following equation:
RC =
VI
m
C
OUT
OUT
A
g
f
C
V
×
×
×
×
×
π
×
V
6
.
0
2
Place the compensation zero at the domain pole (fP), then
determine CC by using the following equation:
CC =
C
OUT
ESR
R
C
R
R
×
+
)
(
CCP is optional. It can be used to cancel the zero caused by the
ESR of the output capacitor.
CCP =
C
OUT
ESR
R
C
R
×
ADIsimPower DESIGN TOOL
The ADP2387 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic and bill of materials
and to calculate performance in minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and parts count,
while taking into consideration the operating conditions and
limitations of the IC and all real external components. For
more information about the ADIsimPower design tools, go to
www.analog.com/ADIsimPower. The tool set is available from
the Analog Devices, Inc., website, and users can request an
unpopulated board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com