Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 12 of 25
THEORY OF OPERATION
The ADP2387 is a synchronous step-down, dc-to-dc regulator
that uses a current mode architecture with an integrated high-
side power switch and a low-side synchronous rectifier. The
regulator targets high performance applications that require
high efficiency and design flexibility.
The ADP2387 operates with an input voltage from 4.5 V to 20 V
and regulates the output voltage from 0.6 V to 90% of the input
voltage. Additional features that maximize design flexibility
include programmable current-limit threshold, programmable
switching frequency, programmable soft start, external
compensation, precision enable, and a power-good output.
CONTROL SCHEME
The ADP2387 uses a fixed frequency, peak current mode PWM
control architecture. At the start of each oscillator cycle, the
high-side MOSFET turns on, generating a positive voltage
across the inductor. When the inductor current crosses the peak
inductor current threshold, the high-side MOSFET turns off,
and the low-side MOSFET turns on. Turning on the low-side
MOSFET generates a negative voltage across the inductor,
which causes the inductor current to decrease. The low-side
MOSFET stays on for the rest of cycle (see Figure 18).
PRECISION ENABLE/SHUTDOWN
The EN input pin has a precision analog threshold of 1.17 V
(typical) with 100 mV of hysteresis. When the enable voltage
exceeds 1.17 V, the regulator turns on. When the enable voltage
falls below 1.07 V (typical), the regulator turns off. To force the
regulator to start automatically when input power is applied,
connect EN to PVIN.
The precision EN pin has an internal pull-down current source
(5 µA) that provides a default turn off when the EN pin is open.
When the EN pin voltage exceeds 1.17 V (typical), the ADP2387
is enabled and the internal pull-down current source at the EN
pin decreases to 1 µA, which allows users to program the PVIN
UVLO and hysteresis.
INTERNAL REGULATOR (VREG)
The on-board regulator provides a stable supply for the internal
circuits. Place a 1 µF, X7R or X5R ceramic capacitor between
the VREG pin and the GND pin. The internal regulator includes
a current-limit circuit to protect the output if the maximum
external load current is exceeded.
BOOTSTRAP CIRCUITRY
The ADP2387 includes a regulator to provide the gate drive
voltage for the high-side MOSFET. It uses differential sensing to
generate a 5 V bootstrap voltage between the BST and SW pins.
Place a 0.1 µF, X7R or X5R ceramic capacitor between the BST
and the SW pins.
OSCILLATOR
The RT pin controls the ADP2387 switching frequency. A
resistor (RT) from RT to GND can program the switching
frequency according to the following equation:
fSW (kHz) =
( ) 15
kΩ
69,120
+
T
R
A 100 kΩ resistor sets the frequency to 600 kHz, and a 42.2 kΩ
resistor sets the frequency to 1.2 MHz. Figure 29 shows the typical
relationship between the switching frequency (fSW) and RT.
1400
20
60
100
140
180
220
260
300
RT (kΩ)
1200
1000
800
600
400
200
0
Figure 29. Switching Frequency vs. RT
SOFT START
The ADP2387 has integrated soft start circuitry to limit the output
voltage rising time and reduce inrush current at startup. Calculate
the internal soft start time (tSS_INT) by using the following equation:
tSS_INT =
(ms)
(kHz)
1600
SW
f
To program a slower soft start time, use the SS pin. When a
capacitor is connected between the SS pin and GND, an internal
current charges the capacitor to establish the soft start ramp.
Calculate the external soft start time (tSS_EXT) by using the
following equation:
tSS_EXT =
SS_UP
SS
I
C
×
V
0.6
where:
CSS is the soft start capacitance.
ISS_UP is the soft start pull-up current (3.1 µA).
The internal error amplifier includes three positive inputs: the
internal reference voltage, the internal digital soft start voltage,
and the SS pin voltage. The error amplifier regulates the FB
voltage to the lowest of the three voltages.
When the output voltage is charged prior to turn on, the
ADP2387 prevents the reverse inductor current from discharging
the output capacitor. This function remains active until the soft
start voltage exceeds the voltage on the FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com