Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 14 of 25
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage lockout circuitry is integrated in the ADP2387 to
prevent the occurrence of power-on glitches. If the VPVIN voltage
drops below 3.8 V typical, the device shuts down and both the
power switch and synchronous rectifier turn off. When the VPVIN
voltage rises again above 4.3 V typical, the soft start period is
initiated and the device is enabled.
THERMAL SHUTDOWN
If the ADP2387 junction temperatures rises above 150°C, the
internal thermal shutdown circuit turns off the regulator for self
protection. Extreme junction temperatures can be the result of
high current operation, poor circuit board thermal design,
and/or high ambient temperature. If an overtemperature event
occurs, the ADP2387 does not return to normal operation until
the on-chip temperature falls below 125°C because a 25°C
hysteresis is included in the thermal shutdown circuit. Upon
recovery, a soft start initiates before normal operation begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com