Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADP2387
Rev. C | Page 19 of 25
DESIGN EXAMPLE
ADP2387
BST
FB
COMP
PGOOD
GND
VREG
RT
ILIM
SS
SW
PGND
EN
PVIN
VIN = 12V
CSS
22nF
CIN
10µF
25V
COUT1
100µF
6.3V
COUT2
47µF
6.3V
RILIM
44.2kΩ
L1
2.2µH
CBST
0.1µF
VOUT = 3.3V
RTOP
10kΩ
1%
RBOT
2.21kΩ
1%
CCP
4.7pF
CC
1.2nF
RC
44.2kΩ
RT
100kΩ
CVREG
1µF
Figure 34. Schematic for Design Example
This section describes the procedures for selecting the external
components, based on the example specifications that are listed
in Table 8. See Figure 34 for the schematic of this design example.
Table 8. Step-Down DC-to-DC Regulator Requirements
Parameter
Specification
Input Voltage (VIN)
12.0 V ± 10%
Output Voltage (VOUT)
3.3 V
Output Current (IOUT)
6 A
Output Voltage Ripple (∆VOUT_RIPPLE)
33 mV
Load Transient
±5%, 1 A to 5 A, 2 A/µs
Switching Frequency (fSW)
600 kHz
OUTPUT VOLTAGE SETTING
Choose a 10 kΩ resistor as the top feedback resistor (RTOP),
and calculate the bottom feedback resistor (RBOT) by
RBOT = RTOP ×


− 6
.
0
6
.
0
OUT
V
To set the output voltage to 3.3 V, the resistors values are as
follows: RTOP = 10 kΩ, and RBOT = 2.21 kΩ.
FREQUENCY SETTING
To set the switching frequency to 600 kHz, connect a 100 kΩ
resistor from the RT pin to GND.
CURRENT-LIMIT THRESHOLD SETTING
Connect a 44.2 kΩ resistor between ILIM pin and GND to set
the current-limit threshold at 9 A.
INDUCTOR SELECTION
The peak-to-peak inductor ripple current, ∆IL, is set to 30% of
the maximum output current. To estimate the inductor value,
use the following equation:
L =
SW
L
OUT
IN
f
I
D
V
V
×
∆
×
−
)
(
where:
VIN = 12 V.
VOUT = 3.3 V.
D = 0.275.
∆IL = 1.8 A.
fSW = 600 kHz.
This calculation results in L = 2.215 µH. Choose the standard
inductor value of 2.2 µH.
Calculate the peak-to-peak inductor ripple current by using the
following equation:
ΔIL =
SW
OUT
IN
f
L
D
V
V
×
×
−
)
(
This calculation results in ∆IL = 1.81 A.
To calculate the peak inductor current, use the following equation:
IPEAK = IOUT +
2
L
I
∆
This calculation results in IPEAK = 6.905 A.
To calculate the rms current flowing through the inductor, use
the following equation:
IRMS =
12
2
2
L
OUT
I
I
∆
+
This calculation results in IRMS = 6.023 A.
Based on the calculated current value, select an inductor with
a minimum rms current rating of 6.03 A and a minimum
saturation current rating of 6.91 A.
However, to protect the inductor from reaching its saturation
point under the current-limit condition, rate the inductor for at
least a 9.2 A saturation current for reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com