Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADP2387
Rev. C | Page 13 of 25
POWER GOOD
The power-good pin (PGOOD) is an active high, open-drain
output that requires an external resistor to pull it up to a
voltage. A logic high on the PGOOD pin indicates that the
voltage on the FB pin (and, therefore, the output voltage) is
within regulation.
The power-good circuitry monitors the output voltage on the
FB pin and compares it to the rising and falling thresholds that
are specified in Table 1. If the rising output voltage exceeds the
target value, the PGOOD pin is held low. The PGOOD pin
continues to be held low until the falling output voltage returns
to the target value.
If the output voltage falls below the target output voltage, the
PGOOD pin is held low. The PGOOD pin continues to be held
low until the rising output voltage returns to the target value.
The power-good rising and falling thresholds are shown in
Figure 30. There is a 1024 clock cycle waiting period before
the PGOOD pin is pulled from low to high, and there is a
16 clock cycle waiting period before the PGOOD pin is pulled
from high to low.
100%
116.7%
105%
90%
95%
PGOOD
VOUT RISING
VOUT FALLING
1024 CYCLE
DEGLITCH
16 CYCLE
DEGLITCH
1024 CYCLE
DEGLITCH
16 CYCLE
DEGLITCH
Figure 30. PGOOD Rising and Falling Thresholds
PEAK CURRENT-LIMIT AND SHORT-CIRCUIT
PROTECTION
The ADP2387 has a peak current-limit protection circuit to
prevent current runaway. A resistor between ILIM and GND
programs the peak current-limit threshold according to the
following equation:
( )
5
.
0
kΩ
405
(A)
+
=
ILIM
OCP
R
I
where:
IOCP is the peak current-limit threshold.
RILIM is the resistor between ILIM and GND.
Figure 31 shows the typical relationship between the peak
current-limit threshold and RILIM.
During the initial soft start, the ADP2387 uses frequency
foldback to prevent output current runaway. The switching
frequency reduces according to the voltage on the FB pin,
which allows more time for the inductor to discharge. Table 5
shows the correlation between the switching frequency and
FB pin voltage.
RILIM (kΩ)
2
10
9
8
7
6
5
4
3
40
60
80
100
120
140
160
180
200
Figure 31. Peak Current-Limit Threshold vs. RILIM
Table 5. FB Pin Voltage and Switching Frequency
FB Pin Voltage
Switching Frequency
VFB ≥ 0.4 V
fSW
0.4 V > VFB ≥ 0.2 V
fSW/2
VFB < 0.2 V
fSW/4
For protection against heavy loads, the ADP2387 uses a hiccup
mode for overcurrent protection. When the inductor peak current
reaches the current-limit value, the high-side MOSFET turns
off and the low-side MOSFET turns on until the next cycle.
The overcurrent counter increments during this process. If the
overcurrent counter reaches 10 or if the FB pin voltage falls to
0.4 V after the soft start, the regulator enters hiccup mode. The
high-side and low-side MOSFETs both turn off. The regulator
remains in hiccup mode for 4096 clock cycles and then attempts
to restart. If the current-limit fault clears, the regulator resumes
normal operation. Otherwise, it reenters hiccup mode.
The ADP2387 also provides a sink current-limit to prevent the
low-side MOSFET from sinking excessive current from the load.
When the voltage across the low-side MOSFET exceeds the sink
current-limit threshold, which is typically 2.5 A, the low-side
MOSFET turns off immediately for the rest of the cycle. Both high-
side and low-side MOSFETs turn off until the next clock cycle.
In some cases, the input voltage (VPVIN) ramp rate is too slow or
the output capacitor is too large for the output to reach regulation
during the soft start process, which causes the regulator to enter
hiccup mode. To avoid such occurrences, use a resistor divider
at the EN pin to program the input voltage UVLO, or use a
longer soft start time.
OVERVOLTAGE PROTECTION (OVP)
The ADP2387 includes an overvoltage protection feature to
protect the regulator against an output short to a higher voltage
supply or when a strong load disconnect transient occurs. If the
feedback voltage increases to 0.7 V, the internal high-side and
low-side MOSFETs turn off until the voltage at the FB pin
decreases to 0.63 V. At that time, the ADP2387 resumes normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com