Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 8 of 25
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25oC, VIN = 12 V, VOUT = 3.3 V, L = 2.2 µH, COUT = 100 µF + 47 µF, fSW = 600 kHz, unless otherwise noted.
OUTPUT CURRENT (A)
50
60
70
80
90
55
65
75
85
95
100
0
1
2
3
4
5
6
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR:
FDVE1040-2R2
Figure 5. Efficiency at VIN = 12 V, fSW = 600 kHz
OUTPUT CURRENT (A)
50
60
70
80
90
55
65
75
85
95
100
0
1
2
3
4
5
6
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR:
FDVE1040-2R2
Figure 6. Efficiency at VIN = 18 V, fSW = 600 kHz
INPUT VOLTAGE (V)
50
60
70
80
90
100
4
6
8
10
12
14
16
18
20
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 7. Shutdown Current vs. Input Voltage
OUTPUT CURRENT (A)
50
60
70
80
90
55
65
75
85
95
100
0
1
2
3
4
5
6
VOUT = 1.8V
VOUT = 1.2V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
INDUCTOR:
FDVE1040-4R7
Figure 8. Efficiency at VIN = 12 V, fSW = 300 kHz
OUTPUT CURRENT (A)
50
60
70
80
90
55
65
75
85
95
100
0
1
2
3
4
5
6
VOUT = 1.8V
VOUT = 1.2V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 1.0V
INDUCTOR:
744 333 0100
Figure 9. Efficiency at VIN = 5 V, fSW = 600 kHz
INPUT VOLTAGE (V)
1.8
3.2
3.0
2.8
2.6
2.4
2.2
2.0
4
6
8
10
12
14
16
18
20
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 10. Quiescent Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com