Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADP2387
Rev. C | Page 21 of 25
RECOMMENDED EXTERNAL COMPONENTS
Table 9. Recommended External Components for Typical Applications with 6 A Output Current
fSW (kHz)
VIN (V)
VOUT (V)
L (µH)
COUT (µF)1
RTOP (kΩ)
RBOT (kΩ)
RC (kΩ)
CC (pF)
CCP (pF)
300
12
1
1.5
680 + 2 × 100
10
15
57.6
2200
150
12
1.2
2.2
680 + 2 × 100
10
10
68.1
2200
120
12
1.5
2.2
680
15
10
73.2
2200
100
12
1.8
3.3
680
20
10
88.7
2200
82
12
2.5
3.3
470
47.5
15
84.5
2200
47
12
3.3
4.7
3 × 100
10
2.21
44.2
2200
8.2
12
5
4.7
100 + 47
22
3
33
2200
4.7
5
1
1.5
680 + 2 × 100
10
15
57.6
2200
150
5
1.2
1.5
680
10
10
57.6
2200
120
5
1.5
2.2
680
15
10
73.2
2200
100
5
1.8
2.2
470
20
10
61.9
2200
82
5
2.5
2.2
3 × 100
47.5
15
33
2200
10
5
3.3
2.2
3 × 100
10
2.21
44.2
2200
8.2
600
12
1.5
1
3 × 100
15
10
39
1200
10
12
1.8
1.5
3 × 100
20
10
47
1200
8.2
12
2.5
2.2
2 × 100
47.5
15
44.2
1200
4.7
12
3.3
2.2
100 + 47
10
2.21
44.2
1200
4.7
12
5
3.3
100
22
3
44.2
1200
2.2
5
1
1
680
10
15
97.6
1200
68
5
1.2
1
470
10
10
82
1200
47
5
1.5
1
3 × 100
15
10
39
1200
10
5
1.8
1
2 × 100
20
10
33
1200
8.2
5
2.5
1
100
47.5
15
22
1200
4.7
5
3.3
1
100 + 47
10
2.21
44.2
1200
4.7
1000
12
2.5
1
100
47.5
15
37.4
680
3.3
12
3.3
1.5
100
10
2.21
47
680
2.2
12
5
1.5
100
22
3
73.2
680
2.2
5
1
0.47
3 × 100
10
15
44.2
680
8.2
5
1.2
0.47
2 × 100
10
10
34.8
680
6.8
5
1.5
0.68
100 + 47
15
10
33
680
4.7
5
1.8
0.68
100 + 47
20
10
39
680
4.7
5
2.5
0.68
100
47.5
15
37.4
680
3.3
5
3.3
0.68
100
10
2.21
47
680
2.2
1
680 µF: 4 V, KEMET T520Y687M004ATE010; 470 µF: 6.3 V, KEMET T520X477M006ATE010; 100 µF: 6.3 V, X5R, Murata GRM32ER60J107ME20; and 47 µF: 6.3 V, X5R,
Murata GRM32ER60J476ME20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com