Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 10 of 25
TEMPERATURE (°C)
5
15
25
35
45
55
65
–40
–20
0
20406080
100
120
HIGH-SIDE RDSON
LOW-SIDE RDSON
Figure 17. MOSFET Resistor vs. Temperature
VOUT (AC)
IL
SW
Figure 18. Working Mode Waveform
EN
IL
PGOOD
VOUT
Figure 19. Precharged Output
TEMPERATURE (°C)
2
9
10
7
8
5
6
3
4
–40
–20
0
20406080
100
120
IOCP = 9A
IOCP = 6A
IOCP = 3A
Figure 20. Peak Current-Limit Threshold vs. Temperature
EN
IOUT
PGOOD
VOUT
Figure 21. Soft Start with Full Load
EN
IOUT
PGOOD
VOUT
Figure 22. Shutdown with Full Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com