Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2387ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2387ACPZN-R7
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2387ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2387ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
ADP2387
Rev. C | Page 9 of 25
TEMPERATURE (°C)
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–40
–20
0
20
40
60
80
100
120
RISING
FALLING
Figure 11. PVIN UVLO Threshold vs. Temperature
TEMPERATURE (°C)
2.90
2.95
3.00
3.05
3.10
3.15
3.20
–40
–20
0
20
40
60
80
100
120
Figure 12. SS Pin Pull-Up Current vs. Temperature
TEMPERATURE (°C)
570
580
590
600
610
620
630
–40
–20
0
20
40
60
80
100
120
RT = 100kΩ
Figure 13. Frequency vs. Temperature
TEMPERATURE (°C)
0.95
1.00
1.05
1.10
1.15
1.20
1.25
–40
–20
0
20
40
60
80
100
120
RISING
FALLING
Figure 14. EN Threshold vs. Temperature
TEMPERATURE (°C)
594
596
598
600
602
604
606
–40
–20
0
20
40
60
80
100
120
Figure 15. Feedback Voltage vs. Temperature
TEMPERATURE (°C)
7.7
7.8
7.9
8.0
8.1
8.2
8.3
8.4
–40
–20
0
20
40
60
80
100
120
Figure 16. VREG Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com