Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP8140ACPZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADP8140
Rev. B | Page 3 of 23
SPECIFICATIONS
VIN = 12 V, EN = DIM = VT = 3.0 V, MIN = MODE = 0 V. Typical values are at TJ = 25°C and are not guaranteed. Minimum and
maximum limits are guaranteed from TJ = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Input Voltage
Operating Range
VIN
3.0
30.0
V
Undervoltage Lockout
VUVLO
2.85
2.95
V
Quiescent Current
During Standby
IQ(STBY)
EN = 0 V, VIN = 3.3 V to 30 V
200
μA
During Operation
IQ(ACTIVE)
EN = 3 V, VIN = 3.3 V to 30 V, RSET = 71.5 kΩ
4.1
4.5
mA
REG Output
Output Voltage
VREG1
VIN = 3.3 V to 30 V, IREG = 1 mA
2.85
3.0
3.15
V
VREG2
VIN = 3 V, IREG = 1 mA
2.85
2.95
V
Source Current
IREGMAX
VIN = 3.3 V to 30 V
15
mA
Load Regulation
VIN = 3.3 V to 30 V, IREG = 0.1 mA to 15 mA
0.75
mV/mA
FEEDBACK OUTPUT
FB_OUT Error Amplifier (EA)
Accuracy
VEA(450)
430
450
476
mV
VEA(350)
324
350
380
mV
FB_OUT NMOS Pull-Down
Current
IFB_PD
SINKx = 0 V, FB_OUT = 3 V
12.0
15.0
18.0
mA
FB_OUT Stage Gain
GFB
Force 1.2 V and 1.3 V on COMP, measure FB_OUT
current (FB_OUT = 12 V)
12500
17000
22000
μmho
FB_OUT Fault Current
IFB_FC
Fault activated, FB_OUT = 30 V
0.04
1
μA
Amplifier Transconductance
COMPGM
30
60
120
μmho
Amplifier Transconductance
Output
Source
COMPSOURCE
COMP pin output source current
110
μA
Sink
COMPSINK
COMP pin output sink current
1.5
mA
Resistance
COMPRO
20
Low Gain EA
GBUFF
Gain in buffer mode (MODE = 30.1 kΩ to GND)
3.6
3.9
4.2
Low Gain Bandwidth
MODE = 30.1 kΩ to GND
100
kHz
ISET
Accuracy
ILED_500
RSET = 5.11 kΩ, SINKx = 600 mV
475
500
525
mA
ILED_350
RSET = 7.32 kΩ, SINKx = 600 mV
332.5
350
367.5
mA
ILED_100
RSET = 25.5 kΩ, SINKx = 600 mV
95
100
105
mA
ILED_35
RSET = 71.5 kΩ, SINKx = 600 mV
33.0
35
37.5
mA
Shorted Current
ISET = GND
500
570
620
mA
Open Current
ISET = open
15
17
mA
CURRENT SINKS
Current Sink Headroom Voltage
at Maximum Current
VHR_500
RSET = 5.11 kΩ, ILED = 95% × ILED_500
320
430
mV
VHR_350
RSET = 7.32 kΩ, ILED = 95% × ILED_350
210
324
mV
Current at 350 mV
IHR_350
Maximum guaranteed current using the 350 mV
reference option
350
mA
Sink Matching
Matching = (ISINK_MAX − ISINK_MIN)/(ISINK_MAX + ISINK_MIN) × 100
At 500 mA Current
IMATCH500
0.2
2
%
At 350 mA Current
IMATCH350
0.25
2
%
At 100 mA Current
IMATCH100
0.25
2
%
At 35 mA Current
IMATCH35
0.3
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com