Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ADP8140
Data Sheet
Rev. B | Page 16 of 23
Figure 27. Fault Flowchart
LED OPEN-CIRCUIT AND SHORT-CIRCUIT
PROTECTION
An LED open-circuit fault can result from a bad solder
connection or damaged LED. An open LED string results in the
current sink headroom falling to a very low level. The feedback
loop naturally interprets this as a request for more power. This
can quickly lead to a case where the output voltage is too high.
However, on the ADP8140, any abnormally high output voltage
is detected by the VO_SNS pin and the SINKx pins.
The VO_SNS pin senses the output voltage of the power supply
through an external resistor divider. VO_SNS is then compared
to an internal threshold (1.2 V typical). If the output voltage
rises such that the voltage of the VO_SNS pin is greater than
1.2 V, an output overvoltage fault (VOUT_OVP) is declared.
During a VOUT_OVP fault, any sinks with a voltage less than
80 mV (typical) are removed from the FB_OUT path. Then the
FB_OUT pull-down NMOS is released and
A
FAULTE
A
goes low,
causing the power stage to shut down. The LED current sinks
are left enabled during this event. When VO_SNS drops to
1.15 V (typical), the FB_OUT function resumes its normal
operation and
A
FAULTE
A
goes high.
Alternatively, the output voltage may not rise high enough to
trigger the VO_SNS pin, but it may rise high enough to cause
one of the SINKx pins to exceed 5.7 V (typical), or a shorted
LED may cause the SINKx pins to exceed this level. To prevent
excessive power dissipation and damage to the IC, when a
SINKx pin rises above 5.7 V (typical), a channel overvoltage
fault (CH_OVP) is declared. During a CH_OVP fault, any sinks
with a voltage less than 525 mV (typical) are removed from the
FB_OUT path. Then the FB_OUT pull-down NMOS is
released, causing the power stage to shut down. The LED
current sinks are left enabled during this event. When the
SINKx voltage drops to 4.5 V (typical), the FB_OUT function
resumes its normal operation.
Continued output overvoltage operation degrades efficiency
and can affect the lifetime of passive components. Therefore,
when an overvoltage condition is detected (either VOUT_OVP
or CH_OVP), then any open LED current sinks are identified
and removed from the feedback loop. But the sinks are always
SHUTDOWN
EN = LOW
EN = HIGH
NO
SCALE ILED
DOWN
DIE TEMP
> 150°C
DIE TEMP
> 130°C
DIE TEMP
> 135°C
YES
YES
ACTIVE
VT < MIN
(10µs NOISE
FILTER)
VO_SNS > 1.2V
(10µs NOISE
FILTER)
YES
NO
NO
YES
NO
REMOVE
SINKx FROM
MIN CIRCUIT
DIE TEMP PROTECTION
VT PROTECTION
YES
YES
MAX(CHx)
> 5.5V?
NO
NO
YES
NO
YES
VOUT OVP
NO
TURN POWER
STAGE OFF
(LEAVE ALL
SINKS ON)
YES
FAULT>1.2V
(10µs NOISE
FILTER)
FAULT>1.1V
(10µs NOISE
FILTER)
YES
NO
FAULT DETECTION
VO_SNS
< 1.15V
ANY
ACTIVE CHx
< 550mV?
SET ALL SINKS TO
FULL ISET CURRENT
ISET
PROTECTION
NO
YES
YES
YES
YES
YES
NO
YES
CHANNEL
OVERVOLTAGE
PROTECTION
NO
YES
CHANNEL
CLAMPS
SET
FAULT
LOW
REMOVE
SINKx FROM
MIN CIRCUIT
SET ALL SINKS
TO 500mA
NO
NO
VT < MIN+
VMIN (HYS)
ANY SINK
< 75mV?
MAX(CHx)
< 4.5V
MAX(CHx)
< 13.8V?
MAX(CHx)
> 7.5V?
MAX(CHx)
> 15V
RSET
< 4.5kΩ
SET
FAULT
LOW
SET
FAULT
LOW
SET
FAULT
LOW
SET
FAULT
LOW
SET
FAULT
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com