Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADP8140
Data Sheet
Rev. B | Page 8 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12 V, EN = DIM = VT = 3.0 V, MIN = MODE = 0 V, VSINKx = 450 mV, TA = 25°C, unless otherwise noted.
Figure 4. Typical Operating Current vs. VIN, EN = 3 V, RSET = 71.5 kΩ
Figure 5. Typical Operating Current vs. RSET
Figure 6. Typical Standby Current vs. VIN, EN = 0 V
Figure 7. Typical Sink Current vs. Sink Voltage, RSET = 5.11 kΩ
Figure 8. Typical Sink Current vs. Sink Voltage, RSET = 7.32 kΩ
Figure 9. Typical Sink Current vs. Sink Voltage, RSET = 25.5 kΩ
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
30
35
VIN (V)
+25°C
–40°C
+85°C
+125°C
RSET (kΩ)
4.9
4.7
4.5
4.3
4.1
3.9
3.7
3.5
510
20
40
–40°C
+25°C
+85°C
+125°C
VIN (V)
0
50
100
150
200
250
300
0
5
10
15
20
25
30
IQ –40°C
IQ +25°C
IQ +85°C
IQ +125°C
VSINK (V)
0
100
200
300
400
500
0.01
0.1
1
–40°C
+25°C
+125°C
VSINK (V)
0
50
100
150
200
250
300
350
400
0.01
0.1
1
–40°C
+25°C
+85°C
+125°C
VSINK (V)
0
20
40
60
80
100
120
0.01
0.1
1
–40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com