Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADP8140
Data Sheet
Rev. B | Page 10 of 23
Figure 16. Typical Sink Current vs. DIM or VT Voltage (MODE = 0, MIN = 0 V)
Figure 17. Typical Average Sink Current vs. VT Duty Cycle
(MIN = 3 V, VT Frequency = 120 Hz)
Figure 18. Typical Sink Current Waveforms with PWM on VT Pin (MIN = 3 V)
Figure 19. Start-Up Sequence (See Figure 1 Setup)
DIM OR VT VOLTAGE (V)
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
–40°C
+25°C
+85°C
+125°C
VT DUTY CYCLE (%)
0
10
20
30
40
50
60
70
80
90
100
0
1020
30405060708090
100
–40°C
+25°C
+85°C
+125°C
1
4
CH1 1V
CH4 100mA
1.0ms
ISINK
VT
2
3
1
4
CH1 2V
CH2 2V
CH3 1V
CH4 200mA
2.00ms
FAULT
EN
COMP
ISINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com