Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADP8140
Rev. B | Page 15 of 23
REDUCING THE LED CURRENT WITH THE DIM PIN
The DIM pin scales the output current when either an analog
voltage or a PWM signal is applied to it. The response of the
ADP8140 to the DIM pin depends on the condition of the
MODE pin.
If the MODE pin is connected to GND or a 30.1 kΩ resistor at
startup, the DIM pin functions as an analog voltage input. As
such, a DIM voltage of 2 V or greater does not impact the output
current. A DIM voltage of 0 V reduces the output current to as
low as 125 μA (see Figure 15). Any DIM voltage between 0 V
and 2 V linearly scales the output current.
Figure 24. Reducing the Output Current by Applying an Analog Voltage to
the DIM Pin
If MODE is connected to REG or to a 52.3 kΩ resistor at
startup, a PWM duty cycle applied to the DIM pin is internally
filtered and used to scale the output currents. Set the DIM pin
frequency between 140 Hz and 40 kHz. A lower frequency
PWM signal gives the ADP8140 more information about the
applied duty cycle and leads to better resolution of the duty
cycle, which translates into smaller LED current step sizes on
the current sink digital-to-analog converters (DACs).
Figure 25. Reducing the Average Output Current by Pulse Width Modulating
the Current Sinks with the DIM Pin
When DIM = 0 V, or 0% duty cycle, the minimum output current
is a function of the programmed RSET value. This minimum
value varies between 125 μA and 250 μA, depending on the RSET
value. The typical value as a function of RSET is shown in Figure 15
of the Typical Performance Characteristics section.
DIMMING LEDS WITH THE VT PIN
The VT pin has two modes of operation, depending on the
configuration of the MIN pin.
If MIN is connected to REG at startup, a PWM input to the VT
pin pulses the LED current sinks. If the PWM input is high, the
current goes to the value dictated by the ISET and DIM pins.
If the PWM input is low, the current becomes the minimum
current as defined in Figure 15. This small current allows the
LEDs to be slightly biased and minimizes the voltage difference
between the off and on states, which greatly reduces the
response time of the power delivery loop.
In this mode, the 7.75 V SINKx clamp is disabled. When the
clamp is disabled, the voltages on the SINKx pins rise as high as
15.1 V (typical) during the LED off time.
If MIN < 2.2 V, the voltage on the VT pin linearly scales the
LED current. VT voltages greater than 2 V (typical) produce
100% of the programmed ISET current. When VT is less than
2 V, the output current is reduced 1% per 20 mV. If the voltage
on the VT pin is below the voltage on the MIN pin, the power
supply to the LEDs is disabled. If the VT pin voltage rises above
the MIN threshold, plus some hysteresis, the power supply is
reenabled. If both the VT pin and the DIM pin are used for
analog dimming, the pin that gives the lower LED current is
used to set the LED current.
To implement thermal protection of the LEDs, the VT pin is
connected to an external negative temperature coefficient
(NTC) resistor. This NTC resistor is typically placed on the LED
heat sink. Selecting the value of the NTC and the resistor in the
network shapes the slope of the VT voltage in response to the
LED temperature. A resistor divider on the MIN pin sets the
level at which the power stage (FB_OUT and COMP) are
disabled.
Figure 26. Using an External NTC to Implement LED Thermal Protection
FAULT PROTECTIONS
To ensure the safety of the LEDs, the ADP8140 IC, and the
power source, the ADP8140 includes a comprehensive array of
detection and protection features.
Power supply overvoltage protection
LED overtemperature protection
LED short-circuit protection
LED open-circuit protection
IC overtemperature protection
Shorted ISET protection
Open ISET and EN protection
These features are summarized in the flowchart shown in
Figure 27.
SCALE
OUTPUT(%)
DIM (V)
DIM
MODE
100%
2V
MODE = GND
ANALOG CONTROL
SCALE
OUTPUT(%)
DIM DUTY CYCLE (%)
DIM
MODE
100%
100%
MODE = VREG
VREG
SCALE PWM
SCALE
OUTPUT(%)
VT (V)
MIN
VREG
NTC
VT
100%
2V
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com