Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADP8140
Data Sheet
Rev. B | Page 6 of 23
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, FB_OUT to GND
−0.3 V to +31 V
SINKx to GND
−0.3 V to +21 V
MODE, COMP, REG, MIN, DIM, VT, ISET to
GND
−0.3 V to +3.6 V
EN,
A
FAULTE
A
, VO_SNS to GND
−0.3 V to +6.0 V
Operating Ambient Temperature Range
–40°C to +105°C1
Operating Junction Temperature Range
–40°C to +125°C
Maximum Junction Temperature
150°C
Storage Temperature Range
–45°C to +150°C
Soldering Conditions
JEDEC J-STD-020
ESD (Electrostatic Discharge)
Human Body Model (HBM)
±1.5 kV
Charged Device Model (CDM)
±500 V
1 The maximum operating junction temperature (TJ(MAX)) supersedes the
maximum operating ambient temperature (TA(MAX)). See the Maximum
Temperature Ranges section for more information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all voltages are
referenced to GND.
MAXIMUM TEMPERATURE RANGES
The maximum operating junction temperature (TJ(MAX))
supersedes the maximum operating ambient temperature
(TA(MAX)). Therefore, in situations where the ADP8140 is
exposed to poor thermal resistance and a high power dissipa-
tion (PD), the maximum ambient temperature may need to be
derated. In these cases, the ambient temperature maximum can
be calculated with the following equation:
TA(MAX) = TJ(MAX) − (θJA × PD(MAX))
THERMAL RESISTANCE
θJA (junction to air) is specified for the worst-case conditions,
that is, a device soldered in a circuit board for surface-mount
packages. The θJA, θJB (junction to board), and θJC (junction to
case) are determined according to JESD51-9 on a 4-layer
printed circuit board (PCB) with natural convection cooling.
The LFCSP exposed pad must be soldered to GND.
Table 3. Thermal Resistance
Package Type
θJA
θJB
θJC
Unit
16-Lead LFCSP
33.2
12.4
2.4
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com