Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADP8140
Rev. B | Page 19 of 23
Figure 31. Total Power Dissipation (All Four Strings) for a Normal
Distribution of VF, Standard Deviation = 70 mV, ILED = 350 mA
MANAGING THE POWER DISSIPATION OF THE
ADP8140
With the predicted power dissipation known, the next step is to
determine if the ADP8140 package is able to dissipate that
power adequately. Use the following to calculate the maximum
power that the ADP8140 is able to dissipate:
PDISS(MAX) = (TJ − TBOARD)/θJB
= (135 − 105)/12.4 = 2.4 W
where:
TJ =135°C, the maximum ADP8140 junction temperature
(before entering thermal foldback).
TBOARD = 105°C, the maximum board temperature.
θJB = 12.4°C/W (see Table 3).
Assume that 100% of the power dissipates through the exposed
pad to the board.
The ability of the ADP8140 package to dissipate heat varies if
the operating conditions are not consistent with the θJB
conditions given in Table 3. Additionally, it is imperative to
follow the layout guidelines given in the Layout Guidelines
section.
LAYOUT GUIDELINES
For optimum performance, follow these layout guidelines:
The exposed pad of the ADP8140 must be properly
connected to a heat sink. Solder the exposed pad to the
PCB and connect it to a large plane of ground metal with
an array of thermal vias.
The ADP8140 is designed for easy layout with single sided
metal core substrates. If FR4 substrate is used, thermal vias
must be used between the LFCSP exposed pad and a large
ground trace on the opposite side of the board.
Place the REG capacitor close to the IC. The location of the
VIN capacitor is not as important.
Place the COMP capacitor(s) and resistor as close to the IC
as possible.
Place the VO_SNS resistors (if used) close to the IC.
If applying an analog dimming voltage to the DIM or VT
pins, placing a bypass capacitor near these pins reduces the
noise on these dimming signals.
ORDERING OPTIONS
The ADP8140 is available in two options. The difference
between the options is the VEA(REF) voltage and the number of
sinks that control the COMP and FB_OUT voltage.
See Figure 33 to Figure 36 for examples of the ADP8140 used in
various configurations: with a PMOS regulation stage, as a
secondary side controller, with a boost or buck power stage, or
with one power stage.
ADP8140ACPZ-1-R7
The ADP8140ACPZ-1-R7 has VEA(REF) at 350 mV. Therefore, if
using the device with the PMOS power stage or as a secondary
side controller, each current sink can supply up to 350 mA of
LED current at 350 mV of headroom voltage. However, if using
the device to control an SMPS IC, each current sink can supply
up to 500 mA of LED current.
The minimum voltage for all four of the current sinks is used to
control the power regulation (COMP and FB_OUT).
ADP8140ACPZ-2-R7
The ADP8140ACPZ-2-R7 has VEA(REF) at 450 mV. Therefore, all
four of the sinks can be driven to 500 mA in any configuration.
Only the minimum voltage from SINK1, SINK2, and SINK3 is
used to control the FB_OUT and COMP pins. Therefore, this is
the preferred device model if only three LED strings are used in
a system. SINK4 can be left floating or connected to GND. Note
that SINK4 is still enabled; if it is connected to an LED string, it
regulates its current to be the same as the other sinks. Therefore,
SINK4 can be combined with another SINKx pin (for example
to drive two strings at 1 A each).
NUMBER OF LEDs PER STRING
AVERAGE
MAX
0
0
0.5
1.0
1.5
2.0
2.5
3.0
5
1015202530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com