Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADP8140
Data Sheet
Rev. B | Page 18 of 23
OPERATING THE ADP8140 FROM HIGHER INPUT
VOLTAGES
The ADP8140 is capable of operating from an input voltage
(VIN) range of 3.0 V to 30 V. However, higher voltages can be
used to power the ADP8140 when an appropriate current
limiting circuit is used.
It is sometimes sufficient to limit the voltage on the VIN pin by
placing a Zener diode on VIN and limiting the current with a
resistor from the input voltage to the VIN pin. This method can
be used if standby power dissipation is not an issue.
Alternatively, if the supply voltage range is small, an additional
Zener diode between the supply and the VIN pin shifts the
voltage at the VIN pin below 30 V. This method adds minimal
power dissipation in both standby and active modes.
However, a more robust voltage limiter uses a Zener diode, an
NPN transistor, and two resistors. This simple circuit, shown in
Figure 29, gives the required operating IQ during normal
operation but also reduces the standby current when the
ADP8140 is disabled.
Figure 29. VIN Current Limiting Circuit for High Input Voltages
Select VZ to give a voltage well below the 30 V absolute
maximum of the VIN pin. With this circuit, the VIN pin voltage
is regulated to about VZ − 0.7 V. Select the resistor, RZ, to limit
the current when the ADP8140 is disabled yet still provide
enough current to reverse bias the Zener diode and drive the
NPN transistor when the ADP8140 is active. The current
through RZ is given by


Z
Z
CC
RZ
R
V
V
I
A value of 100 μA at the minimum expected VCC is generally
sufficient. Even at maximum VCC, this value only contributes a
few milliwatts of power dissipation during standby.
RLIM limits the maximum current during transients. A value of a
few hundred ohms is sufficient. When the ADP8140 is active,
the additional worst case power dissipation from this limit
circuitry is given by
ΔPDISS(ACTIVE) = (VCC(MAX) – VZ(MIN) + 0.7 V) × IQ =
(48 V − 24 V + 0.7 V) × 3 mA = 74 mW
EFFECT OF LED VF MISMATCH
The ADP8140 always controls the FB_OUT pin to regulate the
output voltage to provide the minimum amount of headroom
voltage required for the current sinks. One of the current sinks
is regulated to VEA(REF). Typically, VEA(REF) is either 350 mV or
450 mV (see VEA(350) and VEA(450) in Table 1). The voltage seen on
the other three SINKx pins varies based on the distribution of
the LED forward voltage, VF. For a given lot of LEDs, the VF and
the change in VF with temperature is relatively consistent. Given
a VF distribution, the maximum voltage that appears on any of
the SINKx pins can be statistically calculated. For example,
consider a mean VF of 3.5 V and a normal distribution with a
standard deviation of 70 mV. A statistical analysis of such a
distribution reveals the maximum voltage that may appear on
any of the SINKx pins, as shown in Figure 30). Note that in
Figure 30, the maximum value is defined as the average plus six
standard deviations (σ) of the distribution.
Figure 30. Voltage on SINKx Pins Given a Normal Distribution of VF, Standard
Deviation = 70 mV
The SINKx voltage found on each pin determines the power
that the ADP8140 package must dissipate. Specifically, the
ADP8140 power dissipation can be represented as follows:
PDISS = (VSINK1 + VSINK2 + VSINK3 + VSINK4) × ILED
(2)
A statistical analysis based on the VF distribution of the LED
can be performed to predict the total power dissipation within
the ADP8140. For the same distribution used in Equation 2 and
an LED current of 350 mA, Figure 31 gives the average and
maximum power dissipations. Note that in Figure 31, the
maximum value is defined as the average plus six standard
deviations of the distribution.
CIN
VZ
IB
RZ
RLIM
VCC
VIN
ADP8140
NUMBER OF LEDs PER STRING
AVERAGE
MAX
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
15202530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com