Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADP8140
Data Sheet
Rev. B | Page 14 of 23
Low Gain Buffer Power Control
In the low gain buffer power control mode, the ADP8140
multiplies the minimum voltage of the four current sinks by
GBUFF (3.9 typical; see Table 1) and outputs it to the COMP pin.
This mode allows the ADP8140 to easily control nearly any
switched mode power supply (SMPS) control IC, such as a buck
regulator or boost controller. Common examples are shown in
Figure 32 to Figure 36.
In this mode, the COMP pin is connected to the feedback (FB)
input of an SMPS controller. The FB_OUT pin can be left
floating or connected to GND. Do not tie it to COMP or any
other pin. Connect the
A
FAULTE
A
pin to the EN signal of the SMPS
IC. This connection ensures that the power delivery immediately
shuts down in the event of a fault.
The values of R1, R2, and R3 program the minimum headroom
voltage on the SINKx pins and set the maximum voltage that
the SMPS FB input receives. A spreadsheet is available at
www.analog.com/ADP8140 to assist in these calculations.
Otherwise, to find the values start with the following equation:
1
_
9
.
3
REF
FB
V
R1
R2
HR
where:
FB_REF is the internal error amplifier reference voltage of the
SMPS IC. This is typically 600 mV or 1.2 V. However, it does
vary for different ICs; therefore, consult the data sheet of that IC.
VHR is the minimum headroom voltage that the ADP8140
current sinks need (see Figure 7 to Figure 9). This value varies
based on the maximum sink current that is programmed on the
ISET pin.
Set the value of R1 to be small enough so that the internal
250 kΩ pull-down resistance on the COMP pin does not affect
the total resistance. For example, if R1 = 10 kΩ, VHR = 325 mV,
and FB_REF = 600 mV, then
kΩ
1
.
11
1
6
.
0
325
.
0
9
.
3
kΩ
10
2
R
Next, select R3 to set the maximum voltage applied to the SMPS
FB input.
R2
R1
FB
R1
V
R3
MAX
REG
where FBMAX is the maximum voltage desired on the SMPS FB
input. Therefore, if FBMAX = 720 mV,
kΩ
6
.
20
k
11.1
kΩ
10
720
.
0
kΩ
10
V
3
3
R
Ensure that FBMAX is sufficiently higher than the maximum
FB_REF operating point. Some extra margin is beneficial.
DIMMING THE LED CURRENT
The ADP8140 offers multiple methods of dimming. The
dimming input can be either an analog voltage or a PWM
signal. The LED output current can be either scaled (dc
dimming) or pulsed on and off in response to the PWM input
signal. The two dimming pins, DIM and VT, provides different
functions, but both pins can be used for dimming simultaneously,
which provides enormous flexibility in controlling the LED
current.
Figure 23. Low Gain Buffer Power Control
SINK1
SINK2
SINK3
SINK4
ID1
ID2
ID4
ID3
BUCK OR BOOST IC
COMP
FB
R3
R2
R1
ADP8140
OPEN-DRAIN
BUFFER
SINK
CONTROL
8V/15V
MIN
600mV
MIN
AND
MAX
4×
250kΩ
VREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com