Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADP8140
Rev. B | Page 23 of 23
OUTLINE DIMENSIONS
Figure 37. 16-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-16-29)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
VEA(REF) (mV)
Temperature Range
Package Description
Package Option
ADP8140ACPZ-1-R7
350
−40°C to +125°C
16-Lead LFCSP, 7”Tape and Reel
CP-16-29
ADP8140ACPZ-2-R7
450
−40°C to +125°C
16-Lead LFCSP, 7”Tape and Reel
CP-16-29
ADP8140EB-EVALZ
ADP8140 PMOS Evaluation Board
ADP8140CP-EVALZ
ADP8140EB-EVALZ with the LEDs and Heat Sink
1 Z = RoHS Compliant Part.
2 ADP8140ACPZ-1-R7: SINK4 function is normal.
3 ADP8140ACPZ-2-R7: SINK4 regulates current but does not control FB_OUT and COMP.
3.40
3.30
3.20
2.80
2.70
2.60
COMPLIANT
TO JEDEC STANDARDS MO-229-WGGE.
1
0.40 BSC
8
9
16
4.10
4.00 SQ
3.90
0.50
0.40
0.30
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.25
0.20
0.15
PIN 1 INDEX
AREA
TOP VIEW
BOTTOM VIE W
0.20 MIN
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
SIDE VIEW
EXPOSED
PAD
©2015–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10935-9/20(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com