Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8140ACPZ-2-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP8140ACPZ-2-R7
Description  4-Channel High Current LED Driver with Adaptable Power Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8140ACPZ-2-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP8140ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP8140ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADP8140
Data Sheet
Rev. B | Page 12 of 23
Figure 21. Start-Up Timing and Signals
CURRENT SINKS
The ADP8140 contains four internal current sinks. Each
current sink is capable of delivering 125 μA to 500 mA. To
ensure accurate regulation, the voltage on the current sinks
must be greater than the maximum headroom voltage given in
Table 1. For additional information on the headroom voltage,
see Figure 7 to Figure 9. All current sinks have their maximum
current set by the external resistor, RSET. To determine the value
of RSET, use Equation 1. A graph of sink current vs. RSET is shown
in Figure 14.
(mA)
2560
)
(kΩ
SINK
SET
I
R
(1)
Multiple sinks can be combined together for higher currents per
LED string. For example, two sinks can be shorted together to
drive two strings of LEDs, each at up to 1 A, or four sinks
combined to drive one string of LEDs at up to 2.0 A.
A resistor must always be connected to the ISET pin. However,
in the event that ISET is accidentally left open, the ADP8140
defaults to a typical current of 15 mA (typical) per sink. If ISET
is accidentally shorted to GND, the ADP8140 limits the current
per sink to 570 mA (typical) and shuts down the power stage
(
A
FAULTE
A
goes low and FB_OUT and COMP are disabled).
Each current sink has a maximum rated voltage of 20 V.
However, the maximum output voltage driving all the current
sinks, through the LEDs, is allowed to exceed 20 V. The LEDs
drop enough voltage so that the SINKx voltage remains close to
the FB_OUT EA accuracy value, VEA(REF) (where REF is the
reference voltage). Because the ADP8140 controls the power
stage, the voltage is not present when off or during a fault.
Therefore, the ADP8140 can be safely used in conjunction with
power supplies that produce over 100 V for their output.
POWER CONTROL OPERATION
The ADP8140 controls a power stage with its COMP and
FB_OUT pins. The power stage allows the IC to optimize the
efficiency and protection of the LEDs. The ADP8140 operates
in two power control modes: error amplifier and low gain
buffer. The MODE pin is used to select the power control mode.
3.0V
VUVLO
UVLO
VIN
REG
EN
SHUTDOWN
SHUTDOWN
100µs
VREG OK AND UVLO OK AND EN HIGH
DETERMINE MODE STATE
~8ms
SINK_EN
(INTERNAL)
MODE_STATE
(INTERNAL)
FAULT
(EXT RESISTOR
PULL-UP)
COMP
(EA CONFIG)
COMP
(BUFFER CONFIG)
FB_OUT
(EA CONFIG)
DETERMINE (ONE OF 4 STATES) UNTIL REG OR VIN POWERS DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com