Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMA2286 Datasheet(PDF) 29 Page - Micronas

Part # DMA2286
Description  DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DMA2286 Datasheet(HTML) 29 Page - Micronas

Back Button DMA2286 Datasheet HTML 25Page - Micronas DMA2286 Datasheet HTML 26Page - Micronas DMA2286 Datasheet HTML 27Page - Micronas DMA2286 Datasheet HTML 28Page - Micronas DMA2286 Datasheet HTML 29Page - Micronas DMA2286 Datasheet HTML 30Page - Micronas DMA2286 Datasheet HTML 31Page - Micronas DMA2286 Datasheet HTML 32Page - Micronas DMA2286 Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
DMA 2275, DMA 2286
29
8.4.9. Scratch Buffer
Name
Address
Function
scratch_buf
e000
1024*8 bit
8.5. FP Memory Map
Name
Address
Function
frame_count
line_count
019
020
12 bit
fcnt flywheel
12 bit
line counter
chroma_offset
luma_offset
033
034
12 bit
2’s complement
12 bit
2’s complement
pan_fifo
036
037
038
039
040
041
042
8 bit
2’s complement
(fifo output)
8 bit
2’s complement
8 bit
2’s complement
8 bit
2’s complement
8 bit
2’s complement
8 bit
2’s complement
8 bit
2’s complement
(fifo input)
packet_count
091
12 bit
packet counter
buf1_status
buf2_status
buf3_status
buf4_status
buf5_status
buf6_status
buf7_status
buf8_status
248
249
250
251
252
253
254
255
12 bit
12 bit
12 bit
12 bit
12 bit
12 bit
12 bit
12 bit
bit 4–0:
buffer pointer
bit 5:
buffer appl.
(0 = standard/1 = ring)
bit 6:
buffer inc.
(0 = 96 byte/1 = 48 byte)
bit 7:
buffer enable
(0 = close/1 = open)
bit 8:
link status
(1 = active)
bit 11–9: not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com